Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADT7476AARQZ-R Datasheet(PDF) 60 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  Remote Thermal Controller and Voltage Monitor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 60 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 56Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 57Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 58Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 59Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 60Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 61Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 62Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 63Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 64Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 69 page
background image
ADT7476A
www.onsemi.com
60
Table 68. REGISTER 0x63 − ENHANCED ACOUSTICS REGISTER 2 (POWER-ON DEFAULT = 0x00) (Note 1)
Bit No.
Mnemonic
R/W
Description
[2:0]
ACOU3
R/W
Assuming that PWMx is associated with the local temperature channel, these bits define the
maximum rate of change of the PWMx output for local temperature-related changes. Instead of
the fan speed jumping instantaneously to its newly determined speed, it ramps gracefully at the
rate determined by these bits. This feature ultimately enhances the acoustics of the fan.
When Bit 7 of Configuration Register 6 (0x10) is 0
Time Slot Increase
Time for 0% to 100%
000 = 1
37.5 sec
001 = 2
18.8 sec
010 = 3
12.5 sec
011 = 4
7.5 sec
100 = 8
4.7 sec
101 = 12
3.1 sec
110 = 24
1.6 sec
111 = 48
0.8 sec
When Bit 7 of Configuration Register 6 (0x10) is 1
Time Slot Increase
Time for 0% to 100%
000 = 1
52.2 sec
001 = 2
26.1 sec
010 = 3
17.4 sec
011 = 4
10.4 sec
100 = 8
6.5 sec
101 = 12
4.4 sec
110 = 24
2.2 sec
111 = 48
1.1 sec
[3]
EN3
R/W
When this bit is 1, smoothing is enabled on the local temperature channel.
[6:4]
ACOU2
R/W
Assuming that PWMx is associated with the Remote 2 temperature channel, these bits define
the maximum rate of change of the PWMx output for Remote 2 Temperature related
changes. Instead of the fan speed jumping instantaneously to its newly determined speed, it
ramps gracefully at the rate determined by these bits. This feature ultimately enhances the
acoustics of the fan.
When Bit 7 of Configuration Register 6 (0x10) is 0
Time Slot Increase
Time for 0% to 100%
000 = 1
37.5 sec
001 = 2
18.8 sec
010 = 3
12.5 sec
011 = 4
7.5 sec
100 = 8
4.7 sec
101 = 12
3.1 sec
110 = 24
1.6 sec
111 = 48
0.8 sec
When Bit 7 of Configuration Register 6 (0x10) is 1
Time Slot Increase
Time for 0% to 100%
000 = 1
52.2 sec
001 = 2
26.1 sec
010 = 3
17.4 sec
011 = 4
10.4 sec
100 = 8
6.5 sec
101 = 12
4.4 sec
110 = 24
2.2 sec
111 = 48
1.1 sec
[7]
EN2
R/W
When this bit is 1, smoothing is enabled on the Remote 2 temperature channel.
1. This register becomes read-only when the Configuration Register 1 Lock bit is set to 1. Any further attempts to write to this register have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com