Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADT7476AARQZ-R Datasheet(PDF) 26 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  Remote Thermal Controller and Voltage Monitor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 26 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 22Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 23Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 24Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 25Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 26Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 27Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 28Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 29Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 30Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 69 page
background image
ADT7476A
www.onsemi.com
26
Figure 33. Functional Block Diagram of THERM Monitoring Circuitry
COMPARATOR
THERM
2.914 s
1.457 s
728.32 ms
364.16 ms
91.04 ms
45.52 ms
22.76 ms
182.08 ms
THERM LIMIT
(REG. 0x7A)
2.914 s
1.457 s
728.32 ms
364.16 ms
91.04 ms
45.52 ms
22.76 ms
182.08 ms
THERM TIMER
(REG. 0x79)
THERM TIMER CLEARED ON READ
SMBALERT
F4P BIT (BIT 5)
MASK REGISTER 2 (REG. 0x75)
CLEARED
ON READ
F4P BIT (BIT 5)
STATUS REGISTER 2
OUT
IN
RESET
LATCH
1 = MASK
01 2 3 4 5 67
0
1
2
3
4
5
6
7
Configuring the Relevant THERM Behavior
1. Configure the desired pin as the THERM timer
input.
Setting Bit 1 (THERM timer enable) of
Configuration Register 3 (0x78) enables the
THERM timer monitoring functionality. This is
disabled on Pin 14 and Pin 22 by default.
Setting Bit 0 and Bit 1 (PIN14FUNC) of
Configuration Register 4 (0x7D) enables THERM
timer output functionality on Pin 22 (Bit 1 of
Configuration Register 3, THERM, must also be
set). Pin 14 can also be used as TACH4.
2. Select the desired fan behavior for THERM timer
events.
Assuming the fans are running, setting Bit 2
(BOOST bit) of Configuration Register 3 (0x78)
causes all fans to run at 100% duty cycle whenever
THERM is asserted. This allows fail-safe system
cooling. If this bit is 0, the fans run at their current
settings and are not affected by THERM events. If
the fans are not already running when THERM
is asserted, then the fans do not run to full speed.
3. Select whether THERM timer events should
generate SMBALERT interrupts.
Setting Bit 5 (F4P) of Mask Register 2 (0x75) or
Bit 0 of Mask Register 1 (0x74), depending on
which pins are configured as a THERM timer,
masks SMBALERTs when the THERM timer limit
value is exceeded. This bit should be cleared if
SMBALERTs based on THERM events are
required.
4. Select a suitable THERM limit value.
This value determines whether an SMBALERT is
generated on the first THERM assertion, or if only
a cumulative THERM assertion time limit is
exceeded. A value of 0x00 causes an SMBALERT
to be generated on the first THERM assertion.
5. Select a THERM monitoring time.
This value specifies how often OS- or BIOS-level
software checks the THERM timer. For example,
BIOS can read the THERM timer once an hour to
determine the cumulative THERM assertion time.
If, for example, the total THERM assertion time is
<22.76 ms in Hour 1, >182.08 ms in Hour 2, and
>5.825 s in Hour 3, system performance is
degrading significantly because THERM is
asserting more frequently on an hourly basis.
Alternatively, OS- or BIOS-level software can
timestamp when the system is powered on. If an
SMBALERT is generated due to the THERM
timer limit being exceeded, another timestamp can
be taken. The difference in time can be calculated
for a fixed THERM timer limit time. For example,
if it takes one week for a THERM timer limit of
2.914 sec to be exceeded, and the next time it takes
only 1 hour, then a serious degradation in system
performance has occurred.
Configuring the THERM Pin as an Output
In addition to monitoring THERM as an input, the
ADT7476A can optionally drive THERM low as an output.
When PROCHOT is bidirectional, THERM can be used to
throttle the processor by asserting PROCHOT. The user can
preprogram
system-critical
thermal
limits.
If
the
temperature exceeds a thermal limit by 0.25
°C, THERM
asserts low. If the temperature is still above the thermal limit
on the next monitoring cycle, THERM stays low. THERM
remains asserted low until the temperature is equal to or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com