Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124-E/MJ Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP19124-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124-E/MJ Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP19124-E/MJ Datasheet HTML 19Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 20Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 21Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 22Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 23Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 24Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 25Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 26Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 23
MCP19124/5
Maximum Available
External VDD Output
Current during SLEEP
IDD_OUT_SLEEP
1
——
mA
VIN = 6.0V to 42V
VDD = VDD_SLEEP
Line Regulation
VDD_OUT/
(VDD_OUT x VIN)
-0.1
0.002
0.1
%/V
(VDD +1.0V)  VIN  20V
(Note 2)
Load Regulation
VDD_OUT/
VDD_OUT
-1
0.1
+1
%IDD_OUT = 1 mA to 20 mA
(Note 2)
Output Short-Circuit
Current
IDD_SC
—50
—
mA
VIN =(VDD +1.0V)
(Note 2)
Dropout Voltage
VIN -VDD
—0.3
0.5
VIDD_OUT =20mA
(Notes 2 and 3)
Power Supply
Rejection Ratio
PSRRLDO
—60
—
dB
f
 1000 Hz
IDD_OUT =25mA
CIN =0µF, CDD =1 µF
Linear Regulator AVDD
Internal Analog
Supply Voltage
AVDD
—
4.096
—
V
AVDD Tolerance
AVDD_TOL
-2.5
±0.1
2.5
%
Trimmed
Band Gap Voltage
BG
—
1.23
—
V
Trimmed at 1.0% tolerance
Band Gap
Tolerance
BGTOL
-2.5
—
+2.5
%
Input UVLO Voltage
UVLO Range
UVLOON
4.0
—
20
VVIN Falling
UVLOON Trip
Tolerance
UVLOTOL
-14
—
14
%VIN Falling
UVLO trip set to 9V
VINUVLO = 0x21h
UVLO Hysteresis
UVLOHYS
1
4
8
%
Hysteresis is based upon
the UVLOON setting
UVLO trip set to 9V
VINUVLO = 0x21h
Resolution
nbits
—
6
—
bits
Logarithmic Steps
UVLO Comparator
Input-to-Output Delay
TD
—
5
—
µs
100 ns rise time to 1V
overdrive on VIN
VIN > UVLO to flag set
4.2
Electrical Characteristics (Continued)
Electrical Specifications: Unless otherwise noted, VIN =12V, FSW = 150 kHz, TA =+25°C. Boldface specifications
apply over the TA range of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Refer to Section 14.0 “Power-Down Mode (Sleep)”.
2: VDD is the voltage present at the VDD pin.
3: Dropout voltage is defined as the input-to-output voltage differential at which the output voltage drops 2%
below its nominal value measured at a 1V differential between VIN and VDD.
4: Ensured by design, not production tested.
5: These parameters are characterized, but not production tested.
6: The VDD LDO will limit the total source current to a maximum of 35 mA. Individually each pin can source a
maximum of 15 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com