Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124-E/MJ Datasheet(PDF) 98 Page - Microchip Technology

Part # MCP19124-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124-E/MJ Datasheet(HTML) 98 Page - Microchip Technology

Back Button MCP19124-E/MJ Datasheet HTML 94Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 95Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 96Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 97Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 98Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 99Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 100Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 101Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 236 page
background image
MCP19124/5
DS20005619A-page 98
 2016 Microchip Technology Inc.
13.4
Context Saving During Interrupts
During an interrupt, only the return PC value is saved
on the stack. Typically, users may wish to save key
registers during an interrupt (e.g., W and STATUS
registers). This must be implemented in software.
Temporary
holding
registers
W_TEMP
and
STATUS_TEMP should be placed in the last 16 bytes
of GPR. These 16 locations are common to all banks
and do not require banking. This makes context save
and restore operations simpler. The code shown in
Example 13-1 can be used to:
• Store the W register
• Store the STATUS register
• Execute the ISR code
• Restore the Status (and Bank Select Bit) register
• Restore the W register
bit 0
UVLOIF: VIN Undervoltage Lockout Interrupt Flag bit
With UVLOINTP bit set:
1
= A VIN Not Undervoltage to VIN Undervoltage edge has been detected
0
= A VIN Not Undervoltage to VIN Undervoltage edge has not been detected
With UVLOINTN bit set:
1
= A VIN Undervoltage to VIN Not Undervoltage edge has been detected
0
= A VIN Undervoltage to VIN Not Undervoltage edge has not been detected
TABLE 13-1:
SUMMARY OF REGISTERS ASSOCIATED WITH INTERRUPTS
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
INTCON
GIE
PEIE
T0IE
INTE
IOCE
T0IF
INTF
IOCF
93
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
78
PIE1
TXIE
RCIE
BCLIE
SSPIE
CC2IE
CC1IE
TMR2IE
TMR1IE
94
PIE2
CDSIE
ADIE
—
OTIE
OVIE
DRUVIE
OVLOIE
UVLOIE
95
PIR1
TXIF
RCIF
BCLIF
SSPIF
—
—
TMR2IF
TMR1IF
96
PIR2
CDSIF
ADIF
—
OTIF
OVIF
DRUVIF
OVLOIF
UVLOIF
97
Legend: — = unimplemented locations, read as ‘0’. Shaded cells are not used by Interrupts.
REGISTER 13-5:
PIR2: PERIPHERAL INTERRUPT FLAG REGISTER 2 (CONTINUED)
Note:
The MCP19124/5 do not require saving
the PCLATH. However, if computed
GOTO
s are used in both the ISR and the
main code, the PCLATH must be saved
and restored in the ISR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com