Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124-E/MJ Datasheet(PDF) 69 Page - Microchip Technology

Part # MCP19124-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124-E/MJ Datasheet(HTML) 69 Page - Microchip Technology

Back Button MCP19124-E/MJ Datasheet HTML 65Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 66Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 67Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 68Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 69Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 70Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 71Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 72Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 69
MCP19124/5
10.0 MEMORY ORGANIZATION
There are two types of memory in the MCP19124/5:
• Program Memory
• Data Memory:
- Special Function Registers (SFRs)
- General-Purpose RAM
10.1
Program Memory Organization
The MCP19124/5 have a 13-bit program counter
capable of addressing an 8000 x 14 program memory
space. Only the first 4000 x 14 (0000h-0FFFh) is
physically implemented. Addressing a location above
this boundary will cause a wrap-around within the first
4000 x 14 space. The Reset vector is at 0000h and the
interrupt vector is at 0004h (refer to Figure 10-1). The
width of the program memory bus (instruction word) is
14 bits. Since all instructions are a single word, the
MCP19124/5 have space for 8000 instructions.
FIGURE 10-1:
PROGRAM MEMORY MAP
AND STACK FOR
MCP19124/5
Unimplemented
PC<12:0>
13
0000h
0004h
0005h
0FFFh
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-chip Program
Memory
CALL, RETURN
RETFIE, RETLW
1000h
User IDs (1)
Device ID (hardcoded) (1)
Config Word (1)
2000h
2005h
2006h
2007h
200Ah
207Fh
20FFh
2003h
2004h
ICD Instruction (1)
Manufacturing Codes (1)
Note 1: Not code protected.
Shadows 000-FFFh
2008h
Reserved for
Manufacturing & Test (1)
2080h
Calibration Words (1)
200Bh
208Fh
2090h
Shadows 2000-20FFh
2100h
3FFFh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com