Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124-E/MJ Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP19124-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124-E/MJ Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP19124-E/MJ Datasheet HTML 51Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 52Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 53Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 54Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 55Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 56Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 57Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 58Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 55
MCP19124/5
Note: Unless otherwise indicated, VIN =12V, FSW = 150 kHz, TA =+25°C.
FIGURE 7-13:
Oscillator Frequency vs.
Temperature.
FIGURE 7-14:
Average GPIO Output
Voltage vs. Current.
7.92
7.94
7.96
7.98
8.00
8.02
8.04
8.06
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (
°C)
4.6
4.7
4.7
4.8
4.8
4.9
4.9
5.0
5.0
01234
5
Current (mA)
-45
°C
+25
°C
+130
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com