Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124-E/MJ Datasheet(PDF) 75 Page - Microchip Technology

Part # MCP19124-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124-E/MJ Datasheet(HTML) 75 Page - Microchip Technology

Back Button MCP19124-E/MJ Datasheet HTML 71Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 72Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 73Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 74Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 75Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 76Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 77Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 78Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 236 page
background image
TABLE 10-3:
MCP19124/5 SPECIAL REGISTERS SUMMARY BANK 1
Addr.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on POR Reset
Values on all other resets (1)
Bank 1
80h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
uuuu uuuu
81h
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
82h
PCL
Program Counter's (PC) Least Significant byte
0000 0000
0000 0000
83h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
84h
FSR
Indirect data memory address pointer
xxxx xxxx
uuuu uuuu
85h
TRISGPA
TRISA7
TRISA6
TRISA5
—
TRISA3
TRISA2
TRISA1
TRISA0
1110 1111
1110 1111
86h
TRISGPB
TRISB7
TRISB6
TRISB5
TRISB4
—
—
TRISB1
TRISB0
1111 0011
1111 0011
87h
PIE1
—
—
BCLIE
SSPIE
CC2IE
CC1IE
TMR2IE
TMR1IE
--00 0000
--00 0000
88h
PIE2
CDSIE
ADIE
—
OTIE
OVIE
DRUVIE
OVLOIE
UVLOIE
00-0 0000
00-0 0000
89h
—
Unimplemented
—
—
8Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of program counter
---0 0000
---0 0000
8Bh
INTCON
GIE
PEIE
T0IE
INTE
IOCE
T0IF
INTF
IOCF (2)
0000 000x
0000 000u
8Ch
—
Unimplemented
—
—
8Dh
—
Unimplemented
—
—
8Eh
—
Unimplemented
—
—
8Fh
—
Unimplemented
—
—
90h
VINUVLO
—
—
UVLO5
UVLO4
UVLO3
UVLO2
UVLO1
UVLO0
--xx xxxx
--uu uuuu
91h
VINOVLO
—
—
OVLO5
OVLO4
OVLO3
OVLO2
OVLO1
OVLO0
--xx xxxx
--uu uuuu
92h
VINCON
UVLOEN
UVLOOUT
UVLOINTP
UVLOINTN
OVLOEN
OVLOOUT
OVLOINTP
OVLOINTN
0x00 0x00
0u00 0u00
93h
CC1RL
Capture1/Compare1 Register1 x Low Byte (LSB)
xxxx xxxx
uuuu uuuu
94h
CC1RH
Capture1/Compare1 Register2 x High Byte (MSB)
xxxx xxxx
uuuu uuuu
95h
CC2RL
Capture2/Compare2 Register1 x Low Byte (LSB)
xxxx xxxx
uuuu uuuu
96h
CC2RH
Capture2/Compare2 Register2 x High Byte (MSB)
xxxx xxxx
uuuu uuuu
97h
CCDCON
CC2M<3:0>
CC1M<3:0>
xxxx xxxx
uuuu uuuu
98h
DESATCON
CDSMUX
CDSWDE
Reserved
CDSPOL
CDSOE
CDSOUT
CDSINTP
CDSINTN
0000 0x00
0000 0u00
99h
OVCON
—
—
—
—
OVEN
OVOUT
OVINTP
OVINTN
---- 0x00
---- 0u00
9Ah
OVREFCON
OOV7
OOV6
OOV5
OOV4
OOV3
OOV2
OOV1
OOV0
xxxx xxxx
uuuu uuuu
9Bh
DEADCON
PDRVDT3
PDRVDT2
PDRVDT1
PDRVDT0
SDRVDT3
SDRVDT2
SDRVDT1
SDRVDT0
xxxx xxxx
uuuu uuuu
9Ch
SLPCRCON
—
SLPBY
SLPS5
SLPS4
SLPS3
SLPS2
SLPS1
SLPS0
-xxx xxxx
-uuu uuuu
9Dh
ICOACON
—
—
—
—
ICOAC3
ICOAC2
ICOAC1
ICOAC0
---- xxxx
---- uuuu
9Eh
ICLEBCON
—
—
—
—
—
—
ICLEBC1
ICLEBC0
---- --xx
---- --uu
9Fh
—
Unimplemented
—
—
Legend:
— = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
Other (non power-up) resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
MCLR and WDT reset does not affect the previous value data latch. The IOCF bit will be cleared upon reset but will be set again if the mismatch exists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com