Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124-E/MJ Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP19124-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124-E/MJ Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP19124-E/MJ Datasheet HTML 41Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 42Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 43Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 44Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 45Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 46Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 47Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 48Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 45
MCP19124/5
6.6
Leading Edge Blanking
The adjustable Leading Edge Blanking (LEB) is used to
blank primary current spikes resulting from primary
switch turn-on. Implementing adjustable LEB allows
the system to ignore turn-on noise to best suit the
application without primary current sense distortion
from RC filtering. There are four settings available for
LEB, including zero. These settings are controlled via
the two bits in the ICLEBCON register.
REGISTER 6-8:
ICLEBCON: INPUT CURRENT LEADING EDGE BLANKING CONTROL
REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
R/W-x
R/W-x
—
—
—
—
—
—
ICLEBC1
ICLEBC0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
bit 7-2
Unimplemented: Read as ‘0’
bit 1-0
ICLEBC<1:0>: Input Current Leading Edge Blanking Configuration bits
00
= 0 ns
01
= 50 ns
10
= 100 ns
11
= 200 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com