Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124-E/MJ Datasheet(PDF) 84 Page - Microchip Technology

Part # MCP19124-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124-E/MJ Datasheet(HTML) 84 Page - Microchip Technology

Back Button MCP19124-E/MJ Datasheet HTML 80Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 81Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 82Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 83Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 84Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 85Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 86Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 87Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 236 page
background image
MCP19124/5
DS20005619A-page 84
 2016 Microchip Technology Inc.
12.1
Power-On Reset (POR)
The on-chip POR circuit holds the chip in Reset until
VDD has reached a high enough level for proper
operation. To take advantage of the POR, simply
connect the MCLR pin through a resistor to VDD. This
will eliminate external RC components usually needed
to create Power-On Reset.
When the device starts normal operation (exits the
Reset condition), device operating parameters (i.e.,
voltage, frequency, temperature, etc.) must be met to
ensure proper operation. If these conditions are not
met, the device must be held in Reset until the
operating conditions are met.
12.2
MCLR
MCP19124/5 have a noise filter in the MCLR Reset
path. The filter will detect and ignore small pulses.
It should be noted that a WDT Reset does not drive
MCLR pin low.
Voltages applied to the MCLR pin that exceed its
specification can result in both MCLR Resets and
excessive current beyond the device specification
during the ESD event. For this reason, Microchip
recommends that the MCLR pin no longer be tied
directly to VDD. The use of a Resistor-Capacitor (RC)
network, as shown in Figure 12-2, is suggested.
An internal MCLR option is enabled by clearing the
MCLRE bit in the CONFIG register. When MCLRE = 0,
the Reset signal to the chip is generated internally.
When MCLRE = 1, the MCLR pin becomes an external
Reset input. In this mode, the MCLR pin has a weak
pull-up to VDD.
FIGURE 12-2:
RECOMMENDED MCLR
CIRCUIT
TABLE 12-2:
STATUS/PCON BITS AND THEIR SIGNIFICANCE
POR
BOR
TO
PD
Condition
0
x11
Power-On Reset
u
011
Brown-Out Reset
u
u0u
WDT Reset
u
u00
WDT Wake-Up
u
uuu
MCLR Reset during normal operation
u
u10
MCLR Reset during Sleep
Legend: u = unchanged, x = unknown
VDD
MCLR
R1
1k
 (or greater)
C1
0.1 µF
(optional, not critical)
R2
100
(needed with
SW1
(optional)
capacitor)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com