Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124-E/MJ Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP19124-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124-E/MJ Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP19124-E/MJ Datasheet HTML 44Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 45Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 46Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 47Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 48Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 49Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 50Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 51Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 236 page
background image
MCP19124/5
DS20005619A-page 48
 2016 Microchip Technology Inc.
6.9
Current Regulation Reference
Configuration
The VREFCON register controls the error amplifier
reference voltage. This reference is used to set the
current regulation set point. VREFCON holds the digital
value used by an 8-bit linear DAC setting the analog
equivalent that gets summed with the pedestal voltage
(VZC) at the noninverting node of the current error
amplifier (EA1). VZC is equal to the band gap voltage
(1.23V). The output of the current sense amplifier A2 is
also raised on the pedestal voltage, effectively
canceling its effect on the input. The pedestal is
implemented throughout the analog current control
loop to improve accuracy at low levels. The VREF DAC
can be adjusted in 255 steps of 4.8 mV/step.
Whichever error amplifier (EA1 or EA2) has the lower
output signal takes control of the PWM control loop.
REGISTER 6-11:
VREFCON: CURRENT/VOLTAGE REGULATION SET POINT CONTROL
REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
VREF7
VREF6
VREF5
VREF4
VREF3
VREF2
VREF1
VREF0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
bit 7-0
VREF<7:0>: Voltage-Controlling Current Regulation Set Point bits
VREF(V) = VBG x N/255 where N = the decimal value written to the VREFCON Register VREF<7:0>
from 0 to 255.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com