Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124-E/MJ Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP19124-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124-E/MJ Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP19124-E/MJ Datasheet HTML 43Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 44Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 45Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 46Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 47Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 48Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 49Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 50Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 47
MCP19124/5
6.8
MOSFET Driver Programmable
Dead Time
The turn-on dead time of both PDRV and SDRV
low-side drive signals can be configured independently
to allow different MOSFETs and circuit board layouts to
be used to construct an optimized system (refer to
Figure 6-1).
Clearing the PDRVBY and SDRVBY bits in the PE1
register enables the PDRV and SDRV low-side dead
timers respectively. The amount of dead time added is
controlled in the DEADCON register.
FIGURE 6-1:
MOSFET DRIVER DEAD
TIME
PDT
SDT
PDRV
SDRV
REGISTER 6-10:
DEADCON: DRIVER DEAD TIME CONTROL REGISTER
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
PDRVDT3
PDRVDT2
PDRVDT1
PDRVDT0
SDRVDT3
SDRVDT2
SDRVDT1
SDRVDT0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
bit 7-4
PDRVDT<3:0>: PDRV Dead Time Configuration bits (tTD_1)
0000
= 16 ns delay
0001
= 32 ns delay
0010
= 48 ns delay
0011
= 64 ns delay
0100
= 80 ns delay
0101
= 96 ns delay
0110
= 112 ns delay
0111
= 128 ns delay
1000
= 144 ns delay
1001
= 160 ns delay
1010
= 176 ns delay
1011
= 192 ns delay
1100
= 208 ns delay
1101
= 224 ns delay
1110
= 240 ns delay
1111
= 256 ns delay
bit 3-0
SDRVDT<3:0>: SDRV Dead Time Configuration bits (tTD_2)
0000
= 16 ns delay
0001
= 32 ns delay
0010
= 48 ns delay
0011
= 64 ns delay
0100
= 80 ns delay
0101
= 96 ns delay
0110
= 112 ns delay
0111
= 128 ns delay
1000
= 144 ns delay
1001
= 160 ns delay
1010
= 176 ns delay
1011
= 192 ns delay
1100
= 208 ns delay
1101
= 224 ns delay
1110
= 240 ns delay
1111
= 256 ns delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com