Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124-E/MJ Datasheet(PDF) 97 Page - Microchip Technology

Part # MCP19124-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124-E/MJ Datasheet(HTML) 97 Page - Microchip Technology

Back Button MCP19124-E/MJ Datasheet HTML 93Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 94Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 95Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 96Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 97Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 98Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 99Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 100Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 97
MCP19124/5
13.3.1.4
PIR2 Register
The PIR2 register contains the Peripheral Interrupt
Flag bits, as shown in Register 13-5.
Note 1: Interrupt flag bits are set when an
interrupt condition occurs, regardless of
the state of its corresponding enable bit
or the Global Enable bit (GIE) in the
INTCON register. The user’s software
should ensure the appropriate interrupt
flag bits are clear prior to enabling an
interrupt.
REGISTER 13-5:
PIR2: PERIPHERAL INTERRUPT FLAG REGISTER 2
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CDSIF
ADIF
—
OTIF
OVIF
DRUVIF
OVLOIF
UVLOIF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
x = Bit is unknown
bit 7
CDSIF: DESAT Detect Comparator Module Interrupt Flag bit
1
= An interrupt is pending
0
= An interrupt is not pending
bit 6
ADIF: ADC Interrupt Flag bit
1
= ADC conversion complete
0
= ADC conversion has not completed or has not been started
bit 5
Unimplemented: Read as ‘0’
bit 4
OTIF: Overtemperature Interrupt Flag bit
1
= Overtemperature event has occurred
0
= Overtemperature event has not occurred
bit 3
OVIF: Overvoltage Interrupt Flag bit
With OVINTP bit set:
1
= A VOUT Not Overvoltage to Overvoltage edge has been detected
0
= A VOUT Not Overvoltage to Overvoltage edge has not been detected
With OVINTN bit set:
1
= A VOUT Overvoltage to Not Overvoltage edge has been detected
0
= A VOUT Overvoltage to Not Overvoltage edge has not been detected
bit 2
DRUVIF: Gate Drive Undervoltage Lockout Interrupt Flag bit
1
= Gate Drive Undervoltage Lockout has occurred
0
= Gate Drive Undervoltage Lockout has not occurred
bit 1
OVLOIF: VIN Overvoltage Lockout Interrupt Flag bit
With OVLOINTP bit set:
1
= A VIN Not Overvoltage to VIN Overvoltage edge has been detected
0
= A VIN Not Overvoltage to VIN Overvoltage edge has not been detected
With OVLOINTN bit set:
1
= A VIN Overvoltage to VIN Not Overvoltage edge has been detected
0
= A VIN Overvoltage to VIN Not Overvoltage edge has not been detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com