Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124-E/MJ Datasheet(PDF) 73 Page - Microchip Technology

Part # MCP19124-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124-E/MJ Datasheet(HTML) 73 Page - Microchip Technology

Back Button MCP19124-E/MJ Datasheet HTML 69Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 70Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 71Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 72Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 73Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 74Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 75Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 76Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 73
MCP19124/5
10.3
DATA MEMORY
FIGURE 10-2:
MCP19124/5 DATA MEMORY MAP
Indirect addr.(1) 00h
Indirect addr. (1) 80h
Indirect addr.(1) 100h
Indirect addr. (1) 180h
TMR0
01h
OPTION_REG 81h
TMR0
101h
OPTION_REG 181h
PCL
02h
PCL
82h
PCL
102h
PCL
182h
STATUS
03h
STATUS
83h
STATUS
103h
STATUS
183h
FSR
04h
FSR
84h
FSR
104h
FSR
184h
PORTGPA
05h
TRISGPA
85h
WPUGPA
105h
IOCA
185h
PORTGPB
06h
TRISGPB
86h
WPUGPB
106h
IOCB
186h
PIR1
07h
PIE1
87h
PE1
107h
ANSELA
187h
PIR2
08h
PIE2
88h
MODECON
108h
ANSELB
188h
PCON
09h
89h
ABECON
109h
189h
PCLATH
0Ah
PCLATH
8Ah
PCLATH
10Ah
PCLATH
18Ah
INTCON
0Bh
INTCON
8Bh
INTCON
10Bh
INTCON
18Bh
TMR1L
0Ch
8Ch
Reserved
10Ch
PORTICD (2)
18Ch
TMR1H
0Dh
8Dh
VEAOFFCAL
10Dh
TRISICD (2)
18Dh
T1CON
0Eh
8Eh
10Eh
ICKBUG (2)
18Eh
TMR2
0Fh
8Fh
10Fh
BIGBUG (2)
18Fh
T2CON
10h
VINUVLO
90h
SSPADD
110h
PMCON1
190h
PR2
11h
VINOVLO
91h
SSPBUF
111h
PMCON2
191h
12h
VINCON
92h
SSPCON1
112h
PMADRL
192h
PWMPHL
13h
CC1RL
93h
SSPCON2
113h
PMADRH
193h
PWMPHH
14h
CC1RH
94h
SSPCON3
114h
PMDATL
194h
PWMRL
15h
CC2RL
95h
SSPMSK1
115h
PMDATH
195h
PWMRH
16h
CC2RH
96h
SSPSTAT
116h
DSTCAL
196h
17h
CCDCON
97h
SSPADD2
117h
CGMVGMCAL 197h
18h
DESATCON
98h
SSPMSK2
118h
OSCCAL
198h
VREFCON
19h
OVCON
99h
VRSPCAL
119h
DCSCAL
199h
VREF2CON
1Ah
OVREFCON
9Ah
VR2SPCAL
11Ah
TTACAL
19Ah
OSCTUNE
1Bh
DEADCON
9Bh
11Bh
BGRCAL
19Bh
ADRESL
1Ch
SLPCRCON
9Ch
11Ch
CEAOFFCAL
19Ch
ADRESH
1Dh
ICOACON
9Dh
11Dh
AVDDCAL
19Dh
ADCON0
1Eh
ICLEBCON
9Eh
11Eh
A2GCAL
19Eh
ADCON1
1Fh
9Fh
11Fh
OVRSPCAL
19Fh
General
Purpose
Register
96 Bytes
20h
General
Purpose
Register
80 Bytes
A0h
General
Purpose
Register
80 bytes
120h
1A0h
EFh
16F
1EF
7Fh
Accesses
Bank 0
F0h
FFh
Accesses
Bank 0
170h
17Fh
Accesses
Bank 0
1F0h
1FFh
Bank 0
Bank 1
Bank2
Bank3
Unimplemented data memory locations, read as '0'.
Note 1:
Not a physical register.
2: Only accessible when DBGEN = 0 and ICKBUG<INBUG> = 1.
File
Address
File
Address
File
Address
File
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com