Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124-E/MJ Datasheet(PDF) 77 Page - Microchip Technology

Part # MCP19124-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124-E/MJ Datasheet(HTML) 77 Page - Microchip Technology

Back Button MCP19124-E/MJ Datasheet HTML 73Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 74Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 75Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 76Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 77Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 78Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 79Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 80Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 236 page
background image
TABLE 10-5:
MCP19124/5 SPECIAL REGISTERS SUMMARY BANK 3
Addr.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on POR Reset
Values on all other resets (1)
Bank 3
180h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
uuuu uuuu
181h
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
182h
PCL
Program Counter's (PC) Least Significant byte
0000 0000
0000 0000
183h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
184h
FSR
Indirect data memory address pointer
xxxx xxxx
uuuu uuuu
185h
IOCA
IOCA7
IOCA6
IOCA5
—
IOCA3
IOCA2
IOCA1
IOCA0
000- 0000
0000 0000
186h
IOCB
IOCB7
IOCB6
IOCB5
IOCB4
—
—IOCB1
IOCB0
0000 --00
0000 --00
187h
ANSELA
—
—
—
—
ANSA3
ANSA2
ANSA1
ANSA0
---- 1111
---- 1111
188h
ANSELB
—
ANSB6
ANSB5
ANSB4
—
—ANSB1
—
-111 --1-
-111 --1-
189h
—
Unimplemented
—
—
18Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of program counter
---0 0000
---0 0000
18Bh
INTCON
GIE
PEIE
T0IE
INTE
IOCE
T0IF
INTF
IOCF (2)
0000 000x
0000 000u
18Ch
PORTICD (3)
In-Circuit Debug Port Register
xxx --xx
uuuu --uu
18Dh
TRISICD (3)
In-Circuit Debug TRIS Register
1111 0011
1111 0011
18Eh
ICKBUG (3)
In-Circuit Debug Register
0000 0000
000u uuuu
18Fh
BIGBUG (3)
In-Circuit Debug Breakpoint Register
0000 0000
uuuu uuuu
190h
PMCON1
—
CALSEL
—
—
—WREN
WR
RD
-0-- -000
-0-- -000
191h
PMCON2
Program Memory Control Register 2 (not a physical register)
---- ----
---- ----
192h
PMADRL
PMADRL7
PMADRL6
PMADRL5
PMADRL4
PMADRL3
PMADRL2
PMADRL1
PMADRL0
0000 0000
0000 0000
193h
PMADRH
—
—
—
—
PMADRH3
PMADRH2
PMADRH1
PMADRH0
---- 0000
---- 0000
194h
PMDATL
PMDATL7
PMDATL6
PMDATL5
PMDATL4
PMDATL3
PMDATL2
PMDATL1
PMDATL0
0000 0000
0000 0000
195h
PMDATH
—
—
PMDATH5
PMDATH4
PMDATH3
PMDATH2
PMDATH1
PMDATH0
--00 0000
--00 0000
196h
DSTCAL
—
—
—
DSTCAL4
DSTCAL3
DSTCAL2
DSTCAL1
DSTCAL0
---x xxxx
---u uuuu
197h
CGMVGMCAL CGMCAL3
CGMCAL2
CGMCAL1
CGMCAL0
VGMCAL3
VGMCAL2
VGMCAL1
VGMCAL0
xxxx xxxx
uuuu uuuu
198h
OSCCAL
—
FCALT6
FCALT5
FCALT4
FCALT3
FCALT2
FCALT1
FCALT1
-xxx xxxx
-uuu uuuu
199h
DCSCAL
—
DCSCAL6
DCSCAL5
DCSCAL4
DCSCAL3
DCSCAL2
DCSCAL1
DCSCAL0
-xxx xxxx
-uuu uuuu
19Ah
TTACAL
—
—
—
—
TTA3
TTA2
TTA1
TTA0
---- xxxx
---- uuuu
19Bh
BGRCAL
—
—
—
BGRT4
BGRT3
BGRT2
BGRT1
BGRT0
---x xxxx
---u uuuu
19Ch
CEAOFFCAL
—
CEAOFFCAL6 CEAOFFCAL5 CEAOFFCAL4 CEAOFFCAL3 CEAOFFCAL2 CEAOFFCAL1 CEAOFFCAL0
-xxx xxxx
---u uuuu
19Dh
AVDDCAL
—
—
—
—
AVDDCAL3
AVDDCAL2
AVDDCAL1
AVDDCAL0
---- xxxx
---- uuuu
19Eh
A2GCAL
—
—
—
—
A2GCAL3
A2GCAL2
A2GCAL1
A2GCAL0
---- xxxx
---- uuuu
19Fh
OVRSPCAL
—
—
—
OVRSPCAL4
OVRSPCAL3
OVRSPCAL2
OVRSPCAL1
OVRSPCAL0
---x xxxx
---u uuuu
Legend:
— = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
Other (non power-up) resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
MCLR and WDT reset does not affect the previous value data latch. The IOCF bit will be cleared upon reset but will be set again if the mismatch exists.
3:
Only accessible when DBGEN = 0 and ICKBUG<INBUG> = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com