Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124-E/MJ Datasheet(PDF) 64 Page - Microchip Technology

Part # MCP19124-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124-E/MJ Datasheet(HTML) 64 Page - Microchip Technology

Back Button MCP19124-E/MJ Datasheet HTML 60Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 61Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 62Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 63Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 64Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 65Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 66Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 67Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 236 page
background image
MCP19124/5
DS20005619A-page 64
 2016 Microchip Technology Inc.
9.8
Calibration Word 8
Calibration word 8 at memory location 2087h contains
the offset voltage calibration bits for the voltage
regulation error amplifier. The voltage amplifier offset
voltage trim bits are VEAOFFCAL<6:0>. Firmware
must read this value and copy the VEAOFFCAL into
the Special Function Register located in Bank 2 at
10Dh.
REGISTER 9-8:
CALWD8: CALIBRATION WORD 8 REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
bit 13
bit 8
U-0
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
—
VEAOFFCAL6 VEAOFFCAL5 VEAOFFCAL4 VEAOFFCAL3 VEAOFFCAL2 VEAOFFCAL1 VEAOFFCAL0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
x = Bit is unknown
bit 13-7
Unimplemented: Read as ‘0’
bit 6-0
VEAOFFCAL<6:0>: Voltage Error Amplifier Offset Voltage Calibration bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com