Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124-E/MJ Datasheet(PDF) 94 Page - Microchip Technology

Part # MCP19124-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124-E/MJ Datasheet(HTML) 94 Page - Microchip Technology

Back Button MCP19124-E/MJ Datasheet HTML 90Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 91Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 92Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 93Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 94Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 95Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 96Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 97Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 236 page
background image
MCP19124/5
DS20005619A-page 94
 2016 Microchip Technology Inc.
13.3.1.1
PIE1 Register
The PIE1 register contains the Peripheral Interrupt
Enable bits, as shown in Register 13-2.
Note 1: Bit PEIE in the INTCON register must be
set to enable any peripheral interrupt.
REGISTER 13-2:
PIE1: PERIPHERAL INTERRUPT ENABLE REGISTER 1
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
BCLIE
SSPIE
CC2IE
CC1IE
TMR2IE
TMR1IE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5
BCLIE: MSSP Bus Collision Interrupt Enable bit
1
= Enables the MSSP Bus Collision interrupt
0
= Disables the MSSP Bus Collision interrupt
bit 4
SSPIE: Synchronous Serial Port (MSSP) Interrupt Enable bit
1
= Enables the MSSP interrupt
0
= Disables the MSSP interrupt
bit 3
CC2IE: Capture2/Compare2 Interrupt Enable bit
1
= Enables the Capture2/Compare2 interrupt
0
= Disables the Capture2/Compare2 interrupt
bit 2
CC1IE: Capture1/Compare1 Interrupt Enable bit
1
= Enables the Capture1/Compare1 interrupt
0
= Disables the Capture1/Compare1 interrupt
bit 1
TMR2IE: Timer2 Interrupt Enable
1
= Enables the Timer2 interrupt
0
= Disables the Timer2 interrupt
bit 0
TMR1IE: Timer1 Interrupt Enable
1
= Enables the Timer1 interrupt
0
= Disables the Timer1 interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com