Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP19124-E/MJ Datasheet(PDF) 61 Page - Microchip Technology

Part # MCP19124-E/MJ
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124-E/MJ Datasheet(HTML) 61 Page - Microchip Technology

Back Button MCP19124-E/MJ Datasheet HTML 57Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 58Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 59Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 60Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 61Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 62Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 63Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 64Page - Microchip Technology MCP19124-E/MJ Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 61
MCP19124/5
9.3
Calibration Word 3
The BGR<4:0> bits at memory location 2082h calibrate
the band gap reference. Firmware must read these
values and copy into the BGRCAL Special Function
Register located in Bank 3 at 19Bh.
9.4
Calibration Word 4
The TTA<3:0> bits at memory location 2083h contain
the calibration bits for the factory-set overtemperature
threshold. Firmware must read these values and copy
into the TTACAL Special Function Register located in
Bank 3 at 19Ah.
REGISTER 9-3:
CALWD3: CALIBRATION WORD 3 REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
bit 13
bit 8
U-0
U-0
U-0
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
—
—
—
BGR4
BGR3
BGR2
BGR1
BGR0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unused bit, read as ‘0’
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
x = Bit is unknown
bit 13-5
Unused: Read as ‘0’
bit 4-0
BGR<4:0>: Band Gap Reference Calibration bits
REGISTER 9-4:
CALWD4: CALIBRATION WORD 4 REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
bit 13
bit 8
U-0
U-0
U-0
U-0
R/P-1
R/P-1
R/P-1
R/P-1
—
—
—
—
TTA3
TTA2
TTA1
TTA0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 13-4
Unimplemented: Read as ‘0’
bit 3-0
TTA<3:0>: Overtemperature Threshold Calibration bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com