Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564A80L7 Datasheet(PDF) 70 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 66Page - STMicroelectronics SPC564A80L7 Datasheet HTML 67Page - STMicroelectronics SPC564A80L7 Datasheet HTML 68Page - STMicroelectronics SPC564A80L7 Datasheet HTML 69Page - STMicroelectronics SPC564A80L7 Datasheet HTML 70Page - STMicroelectronics SPC564A80L7 Datasheet HTML 71Page - STMicroelectronics SPC564A80L7 Datasheet HTML 72Page - STMicroelectronics SPC564A80L7 Datasheet HTML 73Page - STMicroelectronics SPC564A80L7 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 157 page
background image
VDDEH4AB(26)
I/O Supply Input
I
3.3 V - 5.0 V
I / —
VDDEH4AB(26)
—N9
W14
VDDEH6(27)
I/O Supply Input
I
3.3 V - 5.0 V
I / —
VDDEH6(27)
——
VDDEH6A(27)
I/O Supply Input
I
3.3 V - 5.0 V
I / —
VDDEH6A(27)
95
VDDEH6B(27)
I/O Supply Input
I
3.3 V - 5.0 V
I / —
VDDEH6B(27)
110
VDDEH6AB(27)
I/O Supply Input
I
3.3 V - 5.0 V
I / —
VDDEH6AB(27)
F13
H19, U19
VDDEH7
I/O Supply Input
I
3.3 V - 5.0 V
I / —
VDDEH7
D12
D15
VDDEH7A
I/O Supply Input
I
3.3 V - 5.0 V
I / —
VDDEH7A
125
Table 4.
SPC564A80 signal properties (continued)
Name
Function(1)
P
A
G(2)
PCR
PA
Field
(3)
PCR
(4)
I/O
Type
Voltage(5) /
Pad Type(6)
Status(7)
Package pin #
During Reset
After
Reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com