Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564A80L7 Datasheet(PDF) 89 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 85Page - STMicroelectronics SPC564A80L7 Datasheet HTML 86Page - STMicroelectronics SPC564A80L7 Datasheet HTML 87Page - STMicroelectronics SPC564A80L7 Datasheet HTML 88Page - STMicroelectronics SPC564A80L7 Datasheet HTML 89Page - STMicroelectronics SPC564A80L7 Datasheet HTML 90Page - STMicroelectronics SPC564A80L7 Datasheet HTML 91Page - STMicroelectronics SPC564A80L7 Datasheet HTML 92Page - STMicroelectronics SPC564A80L7 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Electrical characteristics
Doc ID 15399 Rev 9
89/157
3.6
Power management control (PMC) and power on reset (POR)
electrical specifications
Table 15.
PMC Operating Conditions and External Regulators Supply Voltage
ID
Name
Parameter
Min
Typ
Max
Unit
1
Jtemp
SR
— Junction temperature
–40
27
150
°C
2
Vddreg
SR
— PMC 5 V supply voltage VDDREG
4.75
5
5.25
V
3Vdd
SR
Core supply voltage 1.2 V VDD when external
regulator is used without disabling the internal
regulator (PMC unit turned on, LVI monitor
active)(1)
1.26(2)
1.3
1.32
V
3a
SR
Core supply voltage 1.2 V VDD when external
regulator is used with a disabled internal
regulator (PMC unit turned-off, LVI monitor
disabled)
1.14
1.2
1.32
V
4Ivdd
SR
Voltage regulator core supply maximum
required DC output current
445
mA
5
Vdd33
SR
Regulated 3.3 V supply voltage when external
regulator is used without disabling the internal
regulator (PMC unit turned-on, internal 3.3V
regulator enabled, LVI
monitor active)(3)
3.3
3.45
3.6
V
5a
SR
Regulated 3.3 V supply voltage when external
regulator is used
with a disabled internal
regulator (PMC unit turned-off, LVI monitor
disabled)
33.3
3.6
V
6—
SR
Voltage regulator 3.3 V supply maximum
required DC output current
80
mA
1.
An internal regulator controller can be used to regulate core supply.
2.
The minimum supply required for the part to exit reset and enter in normal run mode is 1.28 V.
3.
An internal regulator can be used to regulate 3.3 V supply.
Table 16.
PMC Electrical Characteristics
ID
Name
Parameter
Min
Typ
Max
Unit
Notes
1
VBG
CC
C
Nominal bandgap voltage
reference
—1.219
V
1a
CC
P
Untrimmed bandgap
reference voltage
VBG - 7%
VBG
Vbg + 6%
V
1b
CC
P
Trimmed bandgap reference
voltage (5 V, 27 °C)
VBG -10mV
VBG
VBG +
10mV
V
1c
CC
C
Bandgap reference
temperature variation
—100
ppm/°C
1d
CC
C
Bandgap reference supply
voltage variation
3000
ppm/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com