Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564A80L7 Datasheet(PDF) 24 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 20Page - STMicroelectronics SPC564A80L7 Datasheet HTML 21Page - STMicroelectronics SPC564A80L7 Datasheet HTML 22Page - STMicroelectronics SPC564A80L7 Datasheet HTML 23Page - STMicroelectronics SPC564A80L7 Datasheet HTML 24Page - STMicroelectronics SPC564A80L7 Datasheet HTML 25Page - STMicroelectronics SPC564A80L7 Datasheet HTML 26Page - STMicroelectronics SPC564A80L7 Datasheet HTML 27Page - STMicroelectronics SPC564A80L7 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 157 page
background image
Introduction
SPC564A74L7, SPC564A80B4, SPC564A80L7
24/157
Doc ID 15399 Rev 9
1.5.15
eSCI
Three enhanced serial communications interface (eSCI) modules provide asynchronous
serial communications with peripheral devices and other MCUs, and include support to
interface to Local Interconnect Network (LIN) slave devices. Each eSCI block provides the
following features:
Full-duplex operation
Standard mark/space non-return-to-zero (NRZ) format
13-bit baud rate selection
Programmable 8-bit or 9-bit, data format
Programmable 12-bit or 13-bit data format for Timed Serial Bus (TSB) configuration to
support the Microsecond bus standard
Automatic parity generation
LIN support
Autonomous transmission of entire frames
Configurable to support all revisions of the LIN standard
Automatic parity bit generation
Double stop bit after bit error
10- or 13-bit break support
Separately enabled transmitter and receiver
Programmable transmitter output parity
2 receiver wake-up methods:
Idle line wake-up
Address mark wake-up
Interrupt-driven operation with flags
Receiver framing error detection
Hardware parity checking
1/16 bit-time noise detection
DMA support for both transmit and receive data
Global error bit stored with receive data in system RAM to allow post processing of
errors
1.5.16
FlexCAN
The SPC564A80 MCU includes three controller area network (FlexCAN) blocks. The
FlexCAN module is a communication controller implementing the CAN protocol according to
Bosch Specification version 2.0B. The CAN protocol was designed to be used primarily as a
vehicle serial data bus, meeting the specific requirements of this field: real-time processing,
reliable operation in the EMI environment of a vehicle, cost-effectiveness and required
bandwidth. Each FlexCAN module contains 64 message buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com