Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC564A80L7 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 25Page - STMicroelectronics SPC564A80L7 Datasheet HTML 26Page - STMicroelectronics SPC564A80L7 Datasheet HTML 27Page - STMicroelectronics SPC564A80L7 Datasheet HTML 28Page - STMicroelectronics SPC564A80L7 Datasheet HTML 29Page - STMicroelectronics SPC564A80L7 Datasheet HTML 30Page - STMicroelectronics SPC564A80L7 Datasheet HTML 31Page - STMicroelectronics SPC564A80L7 Datasheet HTML 32Page - STMicroelectronics SPC564A80L7 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Introduction
Doc ID 15399 Rev 9
29/157
1.5.24
Power management controller (PMC)
The power management controller contains circuitry to generate the internal 3.3 V supply
and to control the regulation of 1.2 V supply with an external NPN ballast transistor. It also
contains low voltage inhibit (LVI) and power-on reset (POR) circuits for the 1.2 V supply, the
3.3 V supply, the 3.3 V/5 V supply of the closest I/O segment (VDDEH1) and the 5 V supply
of the regulators (VDDREG).
1.5.25
Nexus port controller
The NPC (Nexus Port Controller) block provides real-time Nexus Class3+ development
support capabilities for the SPC564A80 Power Architecture-based MCU in compliance with
the IEEE-ISTO 5001-2003 and 2010 standards. MDO port widths of 4 pins and 12 pins are
available in all packages.
1.5.26
JTAG
The JTAGC (JTAG Controller) block provides the means to test chip functionality and
connectivity while remaining transparent to system logic when not in test mode. Testing is
performed via a boundary scan technique, as defined in the IEEE 1149.1-2001 standard. All
data input to and output from the JTAGC block is communicated in serial format. The JTAGC
block is compliant with the IEEE 1149.1-2001 standard and supports the following features:
IEEE 1149.1-2001 Test Access Port (TAP) interface 4 pins (TDI, TMS, TCK, and TDO)
A 5-bit instruction register that supports the following IEEE 1149.1-2001 defined
instructions:
BYPASS, IDCODE, EXTEST, SAMPLE, SAMPLE/PRELOAD, HIGHZ, CLAMP
A 5-bit instruction register that supports the additional following public instructions:
ACCESS_AUX_TAP_NPC
ACCESS_AUX_TAP_ONCE
ACCESS_AUX_TAP_eTPU
ACCESS_CENSOR
3 test data registers to support JTAG Boundary Scan mode
Bypass register
Boundary scan register
Device identification register
A TAP controller state machine that controls the operation of the data registers,
instruction register and associated circuitry
Censorship Inhibit Register
64-bit Censorship password register
If the external tool writes a 64-bit password that matches the Serial Boot password
stored in the internal flash shadow row, Censorship is disabled until the next
system reset.
1.5.27
Development Trigger Semaphore (DTS)
SPC564A80 devices include a system development feature, the Development Trigger
Semaphore (DTS) module, that enables software to signal an external tool by driving a
persistent (affected only by reset or an external tool) signal on an external device pin. There



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com