Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT56RB688 Datasheet(PDF) 51 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 51 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 47Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 48Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 49Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 50Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 51Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 52Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 53Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 54Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 55Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 164 page
background image
Configuring the Timer/Event Counter Input Clock Source
The internal timer¢s clock can originate from various sources. The system clock source is used when
the Timer/Event Counter is in the timer mode or in the pulse width measurement mode. For the 8-bit
Timer/Event Counter this internal clock source is fSYS which is also divided by a prescaler, the division
ratio of which is conditioned by the Timer Control Register, TMRnC, bits TnPSC0~ TnPSC2. For the
16-bit Timer/Event Counter this internal clock source can be chosen from a combination of internal
clocks using a configuration option and the TnS bit in the TMRnC register.
An external clock source is used when the timer is in the event counting mode, the clock source being
provided on an external timer pin TMR0, TMR1, TMR2 or TMR3 depending upon which timer is
used. Depending upon the condition of the TnE bit, each high to low, or low to high transition on the
external timer pin will increment the counter by one.
Name
Bits
Data Register
Control Register
Timer/Event Counter 0
8
TMR0
TMR0C
Timer/Event Counter 1
16
TMR1H/TMR1L
TMR1C
Timer/Event Counter 2
8
TMR2
TMR2C
Timer/Event Counter 3
8
TMR3
TMR3C
Timer Registers - TMR0, TMR1L/TMR1H, TMR2, TMR3
The timer registers are special function registers located in the Special Purpose Data Memory and is the
place where the actual timer value is stored. For the 8-bit Timer/Event Counters, these registers are known
as TMR0, TMR2 or TMR3. For the 16-bit Timer/Event Counter, a pair of registers are required and are
known as TMR1L/TMR1H. The value in the timer registers increases by one each time an internal clock
pulse is received or an external transition occurs on the external timer pin. The timer will count from the
initial value loaded by the preload register to the full count of FFH for the 8-bit timer or FFFFH for the
16-bit timer at which point the timer overflows and an internal interrupt signal is generated. The timer value
will then be reset with the initial preload register value and continue counting.
To achieve a maximum full range count of FFH for the 8-bit timer or FFFFH for the 16-bit timer, the
preload registers must first be cleared to all zeros. It should be noted that after power-on, the preload
register will be in an unknown condition. Note that if the Timer/Event Counter is switched off and data
is written to its preload registers, this data will be immediately written into the actual timer registers.
However, if the Timer/Event Counter is enabled and counting, any new data written into the preload
data registers during this period will remain in the preload registers and will only be written into the
timer registers the next time an overflow occurs.
For the 16-bit Timer/Event Counter which has both low byte and high byte timer registers, accessing
these registers is carried out in a specific way. It must be noted when using instructions to preload data
into the low byte timer register, the data will only be placed in a low byte buffer and not directly into
the low byte timer register. The actual transfer of the data into the low byte timer register is only carried
out when a write to its associated high byte timer register, namely TMR1H, is executed. On the other
hand, using instructions to preload data into the high byte timer register will result in the data being
directly written to the high byte timer register. At the same time the data in the low byte buffer will be
transferred into its associated low byte timer register. For this reason, the low byte timer register should
be written first when preloading data into the 16-bit timer registers. It must also be noted that to read
the contents of the low byte timer register, a read to the high byte timer register must be executed first
to latch the contents of the low byte timer register into its associated low byte buffer. After this has
been done, the low byte timer register can be read in the normal way. Note that reading the low byte
timer register will result in reading the previously latched contents of the low byte buffer and not the
actual contents of the low byte timer register.
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
Rev. 1.10
51
April 15, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com