Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT56RB688 Datasheet(PDF) 96 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 96 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 92Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 93Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 94Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 95Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 96Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 97Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 98Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 99Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 100Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 164 page
background image
the interrupt is enabled, the stack is not full and the Timer/Event Counter 2 or Timer/Event counter 3
overflows, a subroutine call to the Multi-function interrupt vector at location 28H, will take place. When
the Timer/Event 2 or Timer/Event counter 3 interrupt is serviced, the EMI bit will be cleared to disable
other interrupts, however only the MF1F interrupt request flag will be reset. As the T2F or T3F flag will
not be automatically reset, it has to be cleared by the application program.
A/D Interrupt
For an A/D Interrupt to be generated, the global interrupt enable bit EMI and the A/D Interrupt enable
bit EADI must first be set. An actual A/D Interrupt will take place when the A/D Interrupt request flag,
ADF, is set, a situation that will occur when the A/D conversion process has finished. When the
interrupt is enabled, the stack is not full and the A/D conversion process has ended, a subroutine call to
the A/D interrupt vector at location 20H, will take place. When the A/D Interrupt is serviced, the A/D
interrupt request flag ADF will be automatically reset and the EMI bit will be automatically cleared to
disable other interrupts.
Smart Card Interrupt
For a Smart Card Interrupt to be generated, the global interrupt enable bit EMI must first be set as well
as one of the associated Smart Card event Interrupt enable bits. The Smart Card events that will
generate an interrupt include situations such as a Card voltage error, a Card current overload, a waiting
timer overflow, a parity error, a transmit buffer empty or an end of transmission or reception. Once one
of the associated Smart Card event interrupt enable control bits is set, it will automatically set the
CRDE bit to 1 to enable the related Smart Card interrupt. An actual Smart Card Interrupt will take
place when the Smart Card Interrupt request flag, CRDF, is set, a situation that will occur when a Smart
Card event has occurred. When the interrupt is enabled, the stack is not full and a Smart Card event has
occurred, a subroutine call to the Smart Card interrupt vector at location 04H, will take place. When
the Smart Card Interrupt is serviced, the Smart Card interrupt request flag CRDF will be automatically
reset and the EMI bit will be automatically cleared to disable other interrupts.
Smart Card Insertion/Removal Interrupt
For a Smart Card Insertion/Removal Interrupt to be generated, the global interrupt enable bit EMI and
the Smart Card Insertion/Removal interrupt enable bit CIRE must first be set. An actual Smart Card
Insertion/Removal Interrupt will take place when the Smart Card Insertion/Removal Interrupt request
flags, CIRF, is set, a situation that will occur when the Smart Card has been inserted or removed. When
the interrupt is enabled, the stack is not full and the Smart Card has been inserted or removed, a
subroutine call to the Smart Card Insertion/Removal Interrupt vector at location 1CH, will take place.
When the Smart Card Insertion/Removal Interrupt is serviced, the Smart Card Insertion/Removal
interrupt request flags CIRF will be automatically reset and the EMI bit will be automatically cleared
to disable other interrupts.
SIM (SPI/I
2C Interface) Interrupts
The two SIM (SPI/I
2C ) interrupts named SIM0 interrupt and SIM1 interrupt are contained within the
Multi-function 0 Interrupt and Multi-function 1 Interrupt respectively.
For an SIM (SPI/I
2C interface) interrupt to occur, the global interrupt enable bit named EMI, the
associated SIM interrupt enable control bit named ESIM0 or ESIM1 and the Multi-function interrupt
enable bit named EMF0I or EMF1I must be first set. An actual SIM (SPI/I
2C interface) interrupt will
take place when the SIM (SPI/I
2C interface) request flag, SIM0F or SIM1F, is set, a situation that will
occur when a byte of data has been transmitted or received by the SPI/I
2C interface or when an I2C
address match occurs. When the interrupt is enabled, the stack is not full and a byte of data has been
transmitted or received by the SPI/I
2C interface or an I2C address match occurs, a subroutine call to the
SIM (SPI/I
2C interface) interrupt vector at location 24H or 28H respectively, will take place. When
Rev. 1.10
96
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com