Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT56RB688 Datasheet(PDF) 60 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 60 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 56Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 57Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 58Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 59Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 60Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 61Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 62Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 63Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 64Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 164 page
background image
8+4 PWM Mode Modulation
Each full PWM cycle, as it is 12-bits wide, has 4096 clock periods. However, in the 8+4 PWM mode,
each PWM cycle is subdivided into sixteen individual sub-cycles known as modulation cycle 0 ~
modulation cycle 15, denoted as ²i² in the table. Each one of these sixteen sub-cycles contains 256 clock
cycles. In this mode, a modulation frequency increase of sixteen is achieved. The 12-bit PWM register
value, which represents the overall duty cycle of the PWM waveform, is divided into two groups. The
first group which consists of bit4~bit11 is denoted here as the DC value. The second group which
consists of bit0~bit3 is known as the AC value. In the 8+4 PWM mode, the duty cycle value of each of
the two modulation sub-cycles is shown in the following table.
Parameter
AC (0~15)
DC (Duty Cycle)
Modulation cycle i
(i=0~15)
i
<AC
DC+1
256
i
³AC
DC
256
8+4 Mode Modulation Cycle Values
The accompanying diagram illustrates the waveforms associated with the 8+4 mode of PWM opera-
tion. It is important to note how the single PWM cycle is subdivided into 16 individual modulation
cycles, numbered 0~15 and how the AC value is related to the PWM value.
PWM Output Control
The four PWM0~PWM3 outputs are shared with I/O pins. To operate as a PWM output and not as an
I/O pin, the relevant PWM enable control bit in PWMnL register must be set high where n denotes 0
from 3. A zero must also be written to the corresponding bit in the relevant port control register, to
ensure that the PWM output pin is setup as an output. After these two initial steps have been carried
out, and of course after the required PWM 12-bit value has been written into the PWM register pair
register, writing a ²1² to the corresponding port data register will enable the PWM data to appear on the
pin. Writing a ²0² to the bit will disable the PWM output function and force the output low. In this way,
the Port data register bits, can also be used as an on/off control for the PWM function. Note that if the
enable bit in the PWMnL register is set high to enable the PWM function, but a ²1² has been written to
its corresponding bit in the port control register to configure the pin as an input, then the pin can still
function as a normal input line, with pull-high resistor selections.
Rev. 1.10
60
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
f S Y S / 2
P W M
[ P W M ] = 1 6 0 0
[ P W M ] = 1 6 0 1
P W M
[ P W M ] = 1 6 0 2
P W M
[ P W M ] = 1 6 1 5
P W M
P W M c y c l e : 4 0 9 6 / f S Y S
1 0 0 / 2 5 6
1 0 1 / 2 5 6
1 0 1 / 2 5 6
1 0 1 / 2 5 6
M o d u l a t i o n c y c l e 0
P W M m o d u l a t i o n p e r i o d : 2 5 6 / f S Y S
M o d u l a t i o n c y c l e 1
M o d u l a t i o n c y c l e 2
M o d u l a t i o n c y c l e 1 5
M o d u l a t i o n c y c l e 0
1 0 0 / 2 5 6
1 0 0 / 2 5 6
1 0 0 / 2 5 6
1 0 1 / 2 5 6
1 0 0 / 2 5 6
1 0 1 / 2 5 6
1 0 1 / 2 5 6
1 0 1 / 2 5 6
1 0 0 / 2 5 6
1 0 0 / 2 5 6
1 0 0 / 2 5 6
1 0 0 / 2 5 6
1 0 0 / 2 5 6
1 0 1 / 2 5 6
1 0 1 / 2 5 6
1 0 1 / 2 5 6
8+4 PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com