Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT56RB688 Datasheet(PDF) 66 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 66 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 62Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 63Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 64Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 65Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 66Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 67Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 68Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 69Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 70Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 164 page
background image
· Step 3
Select which channel is to be connected to the internal A/D converter by correctly programming the
ACS4, ACS2~ACS0 bits which are also contained in the register.
· Step 4
Select which pins on the I/O port are to be used as A/D inputs and configure them as A/D input pins
by correctly programming the PCR7~PCR0 bits in the ADPCR register.
· Step 5
If the interrupts are to be used, the interrupt control registers must be correctly configured to ensure
the A/D converter interrupt function is active. The master interrupt control bit, EMI, in the INTC0
interrupt control register must be set to ²1² and the A/D converter interrupt enable bit, EADI, in the
INTC2 register must also be set to ²1².
· Step 6
The analog to digital conversion process can now be initialised by setting the START bit in the
ADCR register from ²0² to ²1² and then to ²0² again. Note that this bit should have been originally
set to ²0².
· Step 7
To check when the analog to digital conversion process is complete, the EOCB bit in the ADCR
register can be polled. The conversion process is complete when this bit goes low. When this occurs
the A/D data registers ADRL and ADRH can be read to obtain the conversion value. As an
alternative method if the interrupts are enabled and the stack is not full, the program can wait for an
A/D interrupt to occur.
Note
When checking for the end of the conversion process, if the method of polling the bit in the ADCR
register is used, the interrupt enable step above can be omitted.
The accompanying diagram shows graphically the various stages involved in an analog to digital
conversion process and its associated timing.
The setting up and operation of the A/D converter function is fully under the control of the application
program as there are no configuration options associated with the A/D converter. After an A/D
conversion process has been initiated by the application program, the microcontroller internal hardware
will begin to carry out the conversion, during which time the program can continue with other functions.
The time taken for the A/D conversion is 16tAD where tAD is equal to the A/D clock period.
Rev. 1.10
66
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
t A D C
A / D c o n v e r s i o n t i m e
0 0 0 0 0 0 0 0 B
x x x B
0 0 0 0 0 1 0 0 B
0 1 0 B
S T A R T
E O C B
P C R 7 ~
P C R 0
A C S 2 ~
A C S 0 *
P o w e r - o n
R e s e t
E n d o f A / D
c o n v e r s i o n
1 : D e f i n e p o r t c o n f i g u r a t i o n
2 : S e l e c t a n a l o g c h a n n e l
A / D c l o c k m u s t b e f S Y S , f S Y S / 2 , f S Y S / 4 , f S Y S / 8 , f S Y S / 1 6 o r f S Y S / 3 2
t A D C S = 4 t A D
t A D C = t A D C S + n * t A D ; n = b i t c o u n t o f A D C r e s o l u t i o n
" * " o n l y v a l i d i f A C S 4 = 0
N o t e :
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
A / D s a m p l i n g t i m e
t A D C S
0 0 0 B
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
0 0 0 0 0 1 0 1 B
0 0 1 B
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
E n d o f A / D
c o n v e r s i o n
A / D s a m p l i n g t i m e
t A D C S
0 0 0 0 0 0 0 0 B
x x x B
A D C m o d u l e
O N
A D O N B
o f f
o f f
o n
o n
t O N 2 S T
t A D C
A / D c o n v e r s i o n t i m e
A/D Conversion Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com