Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT56RB688 Datasheet(PDF) 42 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 42 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 38Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 39Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 40Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 41Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 42Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 43Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 44Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 45Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 46Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 164 page
background image
Clock Source
The LCD clock source is the internal clock signal fSUB divided by 8 using an internal divider circuit. The
fSUB internal clock is supplied by either the internal 32kHz RC oscillator (LIRC) or the external
32.768kHz oscillator (LXT), the choice of which is determined by a configuration option. For proper
LCD operation, this arrangement is provided to generate an ideal LCD clock source frequency of 4kHz.
f
SUB Clock Source
LCD Clock Frequency
Internal 32kHz oscillator (LIRC)
4kHz
External 32.768kHz oscillator (LXT)
4kHz
LCD Clock Source
LCD Driver Output
When the LCDEN bit in the LCDCTRL register is set to 1, the COM and SEG lines will be setup as
LCD driver pins to drive the LCD display.
The number of COM and SEG outputs supplied by the LCD driver and its biasing and duty selections
are dependent upon how the LCD control bits are programmed. The Bias Type is R type and the bias
resistor can be selected using the RSEL1 and RSEL0 bits in the LCDCTRL register.
The nature of Liquid Crystal Displays require that only AC voltages can be applied to their pixels as the
application of DC voltages to LCD pixels may cause permanent damage. For this reason the relative
contrast of an LCD display is controlled by the actual RMS voltage applied to each pixel, which is equal
to the RMS value of the voltage on the COM pin minus the voltage applied to the SEG pin. This
differential RMS voltage must be greater than the LCD saturation voltage for the pixel to be on and less
than the threshold voltage for the pixel to be off. The requirement to limit the DC voltage to zero and to
control as many pixels as possible with a minimum number of connections requires that both a time and
amplitude signal is generated and applied to the application LCD. These time and amplitude varying
signals are automatically generated by the LCD driver circuits in the microcontroller. What is known as
the duty determines the number of common lines used, which are also known as backplanes or COMs.
The duty which is chosen by a control bit to have a value of 1/8 and 1/16 and which equates to a COM
number of 8 and 16 therefore defines the number of time divisions within each LCD signal frame. Two
types of signal generation are also provided, known as Type A and Type B, the required type is selected
via the TYPE bit in the LCDCTRL register. Type B offers lower frequency signals, however lower
frequencies may introduce flickering and influence display clarity.
LCD Control Register - LCDCTRL
Bit
76543210
Name
TYPE
¾
DTYC
BIAS1
BIAS0
RSEL1
RSEL0
LCDEN
R/W
R/W
¾
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
¾
000000
Bit 7
TYPE: LCD Type selection bit
0: Type A
1: Type B
Bit 6
Unimplemented, read as
²0²
Bit 5
DTYC: LCD Duty selection bit
0: 1/8 duty
1: 1/16 duty
Bit 4~3
BIAS1~BIAS0: LCD Bias selection bits
00: 1/3 bias
01: 1/4 bias
10: 1/5 bias
11: Reserved
Rev. 1.10
42
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com