Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT56RB688 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 13Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 14Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 15Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 16Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 17Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 18Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 19Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 20Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 164 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
DD
Conditions
f
HIRC
4/8/12MHz Internal RC OSC
3V/5V Ta=25
°C
-2%
4
+2%
MHz
3V/5V Ta=25
°C
-2%
8
+2%
MHz
5V
Ta=25
°C
-2%
12
+2%
MHz
3V/5V Ta=0~70
°C
-5%
4
+5%
MHz
3V/5V Ta=0~70
°C
-5%
8
+5%
MHz
5V
Ta=0~70
°C
-5%
12
+5%
MHz
2.2V~
5.5V
Ta=0~70
°C
-8%
4
+8%
MHz
3.0V~
5.5V
Ta=0~70
°C
-8%
8
+8%
MHz
4.5V~
5.5V
Ta=0~70
°C
-8%
12
+8%
MHz
2.2V~
5.5V
Ta=
-40°C~85°C
-12%
4
+12%
MHz
3.0V~
5.5V
Ta=
-40°C~85°C
-12%
8
+12%
MHz
4.5V~
5.5V
Ta=
-40°C~85°C
-12%
12
+12%
MHz
f
TIMER
Timer I/P Frequency
(TMR0/TMR1/TMR2/TMR3)
¾
2.2V~5.5V
0
¾
4000
kHz
3.0V~5.5V
0
¾
8000
kHz
4.5V~5.5V
0
¾
12000
kHz
f
LIRC
32K RC Frequency
2.2V~
5.5V
After Trim
28.1
32.0
34.4
kHz
t
RES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
t
LVR
Low Voltage Width to Reset
¾¾
0.1
0.4
0.6
ms
t
LVDS
LVD Output Stable Time
¾
LVR disable, LVD enable,
Bandgap voltage ready
¾¾
100
ms
t
SST1
System start-up timer period
(without fast start-up) for
HXT/LXT
¾
Power up or wake-up from
HALT
¾
1024
¾
t
SYS
t
SST2
System start-up timer period
(with fast start-up) for HXT/LXT
¾
wake-up from Idle Mode
(f
SL=fLXT)
¾
12
t
LXT%
t
SST3
System start-up timer period
(with fast start-up) for HXT/LXT
¾
wake-up from Idle Mode
(f
SL =fLIRC)
¾
12
t
LIRC*
t
INT
Interrupt Pulse Width
¾¾
1
¾¾
ms
Note:
*TSYS=1/fSYS
%: tLXT is period of 32768 XTAL
*: tLIRC is period of internal 32K RC
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
Rev. 1.10
17
April 15, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com