Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT56RB688 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 30Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 31Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 32Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 33Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 34Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 35Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 36Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 37Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 164 page
background image
Serial Interface Module Registers
The device contains two Serial Interface Modules named SIM0 and SIM1 and each SIM contains an
SPI and an I
2C interface. The SIMxCTL0, SIMxCTL1, SIMxCTL2 and SIMxAR are the control
registers for the Serial Interface function while the SIMxDR is the data register for the Serial Interface
Data where x means 0 and 1.
Port A Wake-up Register - PAWU
All pins on Port A have a wake-up function enable a low going edge on these pins to wake-up the
device when it is in a power down mode. The pins on Port A that are used to have a wake-up function
are selected using this resister.
Pull-High Registers - PAPU, PBPU, PCPU, PDPU, PEPU, PFPU
All I/O pins on Ports PA, PB, PC, PE, PE and PF if setup as inputs, can be connected to an internal
pull-high resistor. The pins which require a pull-high resistor to be connected are selected using these
registers.
Clock Control Register - CLKMOD
The device operates using a dual clock system whose mode is controlled using this register. The
register controls functions such as the clock source, the idle mode enable and the division ratio for the
slow clock.
LCD/LED Registers - LCDCTRL, LEDCTRL, LCDIO
The device contains a fully integrated LCD/LED Driver function which can be setup in various
configurations allowing it to control a wide range of external LCD and LED panels. Most of these
options are controlled using the LCDCTRL and LECTRL registers. As some of the LCD segment
driving pins, which are pin-shared with I/O pins, can also be setup to be used as general I/O pins, the
register named LCDIO is used to select the required function.
Miscellaneous Register - MISC0, MISC1
These registers name MISC0 and MISC1 are used to control the miscellaneous functions such as the
active edge selection of the external interrupt pins, the clock divided ratio selection of the Smart Card
and the Watchdog Timer enable control bits. There are also four bits used to determine if the output
type is open drain or CMOS output for PA0~PA3.
Input/Output Ports
Holtek microcontroller offer considerable flexibility on their I/O ports. With the input or output
designation of every pin fully under user program control, pull-high selections for all ports and
wake-up selections on certain pins, the user is provided with an I/O structure to meet the needs of a
wide range of application possibilities.
The device provides up to 48 bidirectional input/output lines labeled with port names PA, PB, PC, PD,
PE and PF. These I/O ports are mapped to the RAM Data Memory with specific addresses as shown in
the Special Purpose Data Memory table. All of these I/O ports can be used for input and output
operations. For input operation, these ports are non-latching, which means the inputs must be ready at
the T2 rising edge of instruction ²MOV A,[m]², where m denotes the port address. For output
operation, all the data is latched and remains unchanged until the output latch is rewritten.
Rev. 1.10
34
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com