Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT56RB688 Datasheet(PDF) 80 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 80 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 76Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 77Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 78Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 79Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 80Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 81Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 82Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 83Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 84Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 164 page
background image
I
2C Registers
There are three control registers associated with the I
2C bus, SIMnCTL0, SIMnCTL1 and SIMnAR
and one data register, SIMnDR. The SIMnDR register, which is shown in the above SPI section, is
used to store the data being transmitted and received on the I
2C bus. Before the microcontroller writes
data to the I
2C bus, the actual data to be transmitted must be placed in the SIMnDR register. After the
data is received from the I
2C bus, the microcontroller can read it from the SIMnDR register. Any
transmission or reception of data from the I
2C bus must be made via the SIMnDR register. Note that the
SIMnAR register also has the name SIMnCTL2 which is used by the SPI function. Bits SIMIDLE,
SIMnEN and bits SnSIM2~SnSIM0 in registers SIMnCTL0 and CLKMOD are used by the I
2C
interface. The SIMnCTL0 register is shown in the above SPI section.
· SIMIDLE
When the device is in the IDLE mode, the SIMIDLE bit has no effect if the I
2C interface is selected to
be used. Setting the bit high only allows the clock source of the Peripheral clock PCLK, which is
selected to come from the divided system clock, to keep active when the device is in the IDLE mode.
It will maintain the Peripheral clock PCLK output active if the PCKEN bit is set to 1 in IDLE mode.
Clearing the bit to zero disables the PCLK output when the device is in the IDLE mode. This SPI/I
2C
IDLE mode control bit SIMIDLE is located at CLKMOD register bit4.
· SIMnEN
The SIMnEN bit is the overall on/off control for the I
2C interface. When the SIMnEN bit is cleared to
zero to disable the I
2C interface, the SDAn and SCLn lines will be in a floating condition and the I2C
operating current will be reduced to a minimum value. In this condition the pins can be used as
normal I/O functions. When the bit is high the I
2C interface is enabled. The SIMn configuration
option must have first enabled the SIMn interface for this bit to be effective. Note that when the
SIMnEN bit changes from low to high the contents of the I
2C control registers will be in an unknown
condition and should therefore be first initialised by the application program.
· SIMn_0~SIMn_2
These bits setup the overall operating mode of the SIMn function. To select the I
2C function, bits
SIMn_2~SIMn_0 should be set to the value 110.
Rev. 1.10
80
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
I 2 C D a t a R e g i s t e r
( S I M n D R )
S l a v e A d d r e s s R e g i s t e r
( S I M n A R )
S h i f t R e g i s t e r
D i r e c t i o n C o n t r o l
M
U
X
A d d r e s s M a t c h
H A A S n B i t
I 2 C I n t e r r u p t
D a t a i n L S B
D a t a O u t M S B
T r a n s m i t / R e c e i v e
C o n t r o l U n i t
8 - b i t D a t a C o m p l e t e
D e t e c t S t a r t o r S t o p
D a t a B u s
A d d r e s s
C o m p a r a t o r
E n a b l e / D i s a b l e A c k n o w l e d g e
R e a d / w r i t e S l a v e
S R W n B i t
H B B n B i t
H T X n B i t
S C L n P i n
S D A n P i n
H C F n B i t
I
2C Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com