Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT56RB688 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT56RB688_13 Datasheet HTML 1Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 2Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 3Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 4Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 164 page
background image
Program Counter Low Register
- PCL..................................................................31
Look-up Table Registers
- TBLP, TBHP, TBLH.....................................................32
Status Register
- STATUS ...................................................................................32
Interrupt Control Registers....................................................................................33
Timer/Event Counter Registers.............................................................................33
Input/Output Ports and Control Registers .............................................................33
Pulse Width Modulator Registers..........................................................................33
A/D Converter Registers
- ADRL, ADRH, ADCR, ACSR......................................33
Serial Interface Module Registers.........................................................................34
Port A Wake-up Register
- PAWU ........................................................................34
Pull-High Registers
- PAPU, PBPU, PCPU, PDPU, PEPU, PFPU .......................34
Clock Control Register
- CLKMOD.......................................................................34
LCD/LED Registers
- LCDCTRL, LEDCTRL, LCDIO ...........................................34
Miscellaneous Register
- MISC0, MISC1 .............................................................34
Input/Output Ports.............................................................................34
Pull-high Resistors................................................................................................35
Port A Wake-up ....................................................................................................35
Port A Open Drain Function..................................................................................36
I/O Port Control Registers.....................................................................................36
Pin-shared Functions............................................................................................37
I/O Pin Structures .................................................................................................37
Programming Considerations ...............................................................................39
LCD and LED Driver ..........................................................................39
Display Memory....................................................................................................40
LCD/LED Registers ..............................................................................................41
LCD Reset Function .............................................................................................41
Clock Source ........................................................................................................42
LCD Driver Output ................................................................................................42
LED Driver Output ................................................................................................43
LCD Voltage Source and Biasing..........................................................................44
Programming Considerations ...............................................................................46
Timer/Event Counters .......................................................................50
Configuring the Timer/Event Counter Input Clock Source .....................................51
Timer Registers
- TMR0, TMR1L/TMR1H, TMR2, TMR3.....................................51
Timer Control Registers
- TMR0C, TMR1C, TMR2C, TMR3C .............................52
Configuring the Timer Mode .................................................................................53
Configuring the Event Counter Mode....................................................................54
Configuring the Pulse Width Measurement Mode.................................................54
Programmable Frequency Divider
- PFD .............................................................55
Prescaler ..............................................................................................................56
I/O Interfacing.......................................................................................................56
Timer/Event Counter Pins Internal Filter ...............................................................56
Contents
Rev. 1.10
3
April 15, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com