Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT56RB688 Datasheet(PDF) 84 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 84 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 80Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 81Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 82Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 83Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 84Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 85Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 86Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 87Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 88Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 164 page
background image
· Start Signal
The START signal can only be generated by the master device connected to the I
2C bus and not by
the microcontroller, which is only a slave device. This START signal will be detected by all devices
connected to the I
2C bus. When detected, this indicates that the I2C bus is busy and therefore the
HBBn bit will be set. A START condition occurs when a high to low transition on the SDAn line
takes place when the SCLn line remains high.
· Slave Address
The transmission of a START signal by the master will be detected by all devices on the I
2C bus. To
determine which slave device the master wishes to communicate with, the address of the slave
device will be sent out immediately following the START signal. All slave devices, after receiving
this 7-bit address data, will compare it with their own 7-bit slave address. If the address sent out by
the master matches the internal address of the microcontroller slave device, then an internal I
2C bus
interrupt signal will be generated. The next bit following the address, which is the 8th bit, defines the
read/write status and will be saved to the SRWn bit of the SIMnCTL1 register. The device will then
transmit an acknowledge bit, which is a low level, as the 9th bit.
The microcontroller slave device will also set the status flag HAASn when the addresses match. As
an I
2C bus interrupt can come from two sources, when the program enters the interrupt subroutine,
the HAASn bit should be examined to see whether the interrupt source has come from a matching
slave address or from the completion of a data byte transfer. When a slave address is matched, the
device must be placed in either the transmit mode and then write data to the SIMnDR register, or in
the receive mode where it must implement a dummy read from the SIMnDR register to release the
SCLn line.
SIMnAR Register
Bit
76543210
Name
SnA6
SnA5
SnA4
SnA3
SnA2
SnA1
SnA0
¾
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
¾
POR
xxxxxxx
¾
²x² means unknown.
Bit 7~1
SnA6~SnA0:I
2C slave address
SnA6~SnA0 is the I
2C slave address bit6~bit0.
The SIMnAR register is also used by the SPI interface but has the name SIMnCTL2. The
SIMnAR register is the location where the 7-bit slave address of the slave device is stored.
Bit7~bit1 of the SIMnAR register define the device slave address. Bit 0 is not defined.
When a master device, which is connected to the I
2C bus, sends out an address, which matches
the slave address in the SIMnAR register, the slave device will be selected. Note that the
SIMnAR register is the same register address as SIMnCTL2 which is used by the SPI interface.
Bit 0
Unimplemented bit.
This bit can be read or written by user software program.
Rev. 1.10
84
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com