Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT56RB688 Datasheet(PDF) 72 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 72 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 68Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 69Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 70Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 71Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 72Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 73Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 74Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 75Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 76Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 164 page
background image
SIM0 Control Register 0 - SIM0CTL0
Bit
76543210
Name
S0SIM2
S0SIM1
S0SIM0
PCKEN
PCKPSC1
PCKPSC0
SIM0EN
¾
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
¾
POR
1110000
¾
Bit 7~5
S0SIM2~S0SIM0: SIM0 mode and clock selection
000: SIM0 in SPI master mode with fSYS/4 clock source
001: SIM0 in SPI master mode with fSYS/16 clock source
010: SIM0 in SPI master mode with fSYS/64 clock source
011: SIM0 in SPI master mode with fSUB clock source
100: SIM0 in SPI master mode with Timer/Event Counter 0 overflow/2 clock (PFD0)
101: SIM0 in SPI slave mode
110: SIM0 in I
2C mode
111: Reserved
Bit 4
PCKEN: Peripheral Clock PCK enable control
0: PCK output is disabled
1: PCK output is enabled
Bit 3~2
PCKPSC1~PCKPSC0: Peripheral Clock PCK output clock prescaler
00: fSYS
01: fSYS/4
10: fSYS/8
11: Timer/Event Counter 0 overflow /2 (PFD0)
Bit 1
SIM0EN: SIM0 enable control
0: SIM0 is disabled
1: SIM0 is enabled
Bit 0
unimplemented, read as
²0²
SIM1 Control Register 0 - SIM1CTL0
Bit
76543210
Name
S1SIM2
S1SIM1
S1SIM0
¾¾¾
SIM1EN
¾
R/W
R/W
R/W
R/W
¾¾¾
R/W
¾
POR
1
1
1
¾¾¾
0
¾
Bit 7~5
S1SIM2~S1SIM0: SIM1 mode and clock selection
000: SIM1 in SPI master mode with fSYS/4 clock source
001: SIM1 in SPI master mode with fSYS/16 clock source
010: SIM1 in SPI master mode with fSYS/64 clock source
011: SIM1 in SPI master mode with fSUB clock source
100: SIM1 in SPI master mode with Timer/Event Counter 0 overflow/2 clock (PFD0)
101: SIM1 in SPI slave mode
110: SIM1 in I
2C mode
111: Reserved
Bit 4~2
unimplemented, read as
²0²
Bit 1
SIM1EN: SIM1 enable control
0: SIM1 is disabled
1: SIM1 is enabled
Bit 0
unimplemented, read as
²0²
Rev. 1.10
72
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com