Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT56RB688 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 20Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 21Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 22Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 23Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 24Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 25Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 26Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 27Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 164 page
background image
Program Memory
The Program Memory is the location where the user code or program is stored. For the device the
Program Memory is an OTP type, which means it can be programmed only one time. By using the
appropriate programming tools, this OTP memory device offer users the flexibility to conveniently
debug and develop their applications while also offering a means of field programming.
Structure
The Program Memory has a capacity of 48K´16 bits. The Program Memory is addressed by the
Program Counter and also contains data, table information and interrupt-entries. Table data, which can
be setup in any location within the Program Memory, is addressed by a separate table pointer register.
Special Vectors
Within the Program Memory, certain locations are reserved for special usage such as reset and
interrupts.
· Location 000H
This vector is reserved for use by the device reset for program initialisation. After a device reset is
initiated, the program will jump to this location and begin execution.
· Location 004H
This vector is used by the Smart Card interrupt. If a related Smart Card interrupt event occurs, the
program will jump to this location and begin execution if the external interrupt is enabled and the
stack is not full.
· Location 008H
This vector is used by the USB interrupt. If the related USB interrupt event occurs, the program will
jump to this location and begin execution if the external interrupt is enabled and the stack is not full.
· Location 00CH
This vector is used by the external interrupt 0. If the related external interrupt pin receives an active
edge, the program will jump to this location and begin execution if the external interrupt is enabled
and the stack is not full.
· Location 010H
This vector is used by the external interrupt 1. If the related external interrupt pin receives an active
edge, the program will jump to this location and begin execution if the external interrupt is enabled
and the stack is not full.
· Location 014H
This internal vector is used by the Timer/Event Counter 0. If a Timer/Event Counter 0 overflow
occurs, the program will jump to this location and begin execution if the timer/event counter
interrupt is enabled and the stack is not full.
· Location 018H
This internal vector is used by the Timer/Event Counter 1. If a Timer/Event Counter 1 overflow
occurs, the program will jump to this location and begin execution if the timer/event counter
interrupt is enabled and the stack is not full.
· Location 01CH
This vector is used by the Smart Card Insertion/Removal interrupt. If a Smart Card Insertion or
Removal event occurs, the program will jump to this location and begin execution if the external
interrupt is enabled and the stack is not full.
Rev. 1.10
24
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com