Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT56RB688 Datasheet(PDF) 28 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 28 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 24Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 25Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 26Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 27Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 28Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 29Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 30Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 31Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 32Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 164 page
background image
Data Memory
Bank Number
0
1
2
3~31
Special Purpose
Data Memory
Start Address
Common: 00H
End Address
Common: 7FH
General Purpose and
LCD Data Memory
Start Address
80H
80H
80H
80H
End Address
FFH
CFH
CFH
FFH
Data Memory Content
Structure
The Data Memory is subdivided into several banks, all of which are implemented in 8-bit wide RAM.
The Data Memory located in Bank 0 is subdivided into two sections, the Special Purpose Data
Memory and the General Purpose Data Memory.
The start address of the Data Memory for the device is the address ²00H². Registers which are
common to the microcontroller, such as ACC, PCL, etc., have the same Data Memory address. The
LCD Memory is mapped into Bank 1 and Bank 2. Banks 3 to 31 contain only General Purpose Data
Memory for the device with larger Data Memory capacities. As the Special Purpose Data Memory
registers are mapped into all bank areas, they can subsequently be accessed from any bank location.
General Purpose Data Memory
All microcontroller programs require an area of read/write memory where temporary data can be
stored and retrieved for use later. It is this area of RAM memory that is known as General Purpose Data
Memory. This area of Data Memory is fully accessible by the user program for both read and write
operations. By using the ²SET [m].i² and ²CLR [m].i² instructions individual bits can be set or reset
under program control giving the user a large range of flexibility for bit manipulation in the Data
Memory. For the device with larger Data Memory capacities, the General Purpose Data Memory, in
addition to being located in Bank 0, is also stored in Banks 3 to Bank 31.
Special Purpose Data Memory
This area of Data Memory is where registers, necessary for the correct operation of the
microcontroller, are stored. Most of the registers are both read and write type but some are protected
and are read only, the details of which are located under the relevant Special Function Register section.
Note that for locations that are unused, any read instruction to these addresses will return the unknow
value. The Special Function registers are mapped into all banks and can therefore be accessed from
any bank location.
Display Memory
The data to be displayed on the LCD or LED display is stored in an area of fully accessible Data Memory.
By writing to this area of RAM, the display output can be directly controlled by the application program.
As this Memory exists in Bank 1 and Bank 2, but have addresses which map into the General Purpose
Data Memory, it is necessary to first ensure that the Bank Pointer is set to the value 01H or 02H before
accessing the Display Memory. The Display Memory can only be accessed indirectly using the Memory
Pointer MP1 and the indirect addressing register IAR1. When the Bank Pointer is set to 01H or 02H to
select Data Memory Bank 1 or Bank 2 to access the Display Memory, if any addresses with a value less
than 80H are read, the Special Purpose Data Memory in Bank 0 will be accessed. Also, if the Bank
Pointer is set to 01H or 02H to select Data Memory Bank 1 or Bank 2, if any addresses higher than the
last address in Bank 1 or Bank 2 are read, then a value of 00H will be returned.
Rev. 1.10
28
April 15, 2013
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com