Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT56RB688 Datasheet(PDF) 37 Page - Holtek Semiconductor Inc

Part # HT56RB688
Description  TinyPowerTM A/D Type Smart Card OTP MCU with LCD, DAC, ISO 7816 and USB Interfaces
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RB688 Datasheet(HTML) 37 Page - Holtek Semiconductor Inc

Back Button HT56RB688_13 Datasheet HTML 33Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 34Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 35Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 36Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 37Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 38Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 39Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 40Page - Holtek Semiconductor Inc HT56RB688_13 Datasheet HTML 41Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 164 page
background image
Pin-shared Functions
The flexibility of the microcontroller range is greatly enhanced by the use of pins that have more than
one function. Limited numbers of pins can force serious design constraints on designers but by
supplying pins with multi-functions, many of these difficulties can be overcome. For some pins, the
chosen function of the multi-function I/O pins is set by configuration options while for others the
function is set by application program control.
· External Interrupt Inputs
The external interrupt pins INT0 and INT1 are pin-shared with the I/O pins PA0 and PA1. For
applications not requiring an external interrupt input, the pin-shared external interrupt pin can be
used as a normal I/O pin, however to do this, the external interrupt enable bits in the INTC0 register
must be disabled.
· External Timer Clock Input
The external timer pins TMR0, TMR1, TMR2 and TMR3 are pin-shared with I/O pins. To configure
them to operate as timer inputs, the corresponding control bits in the timer control register must be
correctly set and the pin must also be setup as an input. Note that the original I/O function will
remain even if the pin is setup to be used as an external timer input.
· PFD Output
The device contains a PFD function whose single output is pin-shared with I/O pin PA3. The output
function of this pin is chosen via a configuration option and remains fixed after the device is
programmed. Note that the corresponding bit of the port control register, PAC.3, must setup the pin
as an output to enable the PFD output. If the PAC port control register has setup the pin as an input,
then the pin will function as a normal logic input with the usual pull-high selection, even if the PFD
configuration option has been selected.
· PWM Outputs
The device contains several PWM outputs name PWM0~PWM3 shared with pins PC4~PC6 and
PA5. The PWM output functions are chosen via registers. Note that the corresponding bit of the port
control register bit must setup the pin as an output to enable the PWM output. If the port control
register bit has setup the pin as an input, then the pin will function as a normal logic input with the
usual pull-high selection, even if the PWM registers have enabled the PWM function.
· A/D Inputs
The device contains a multi-channel A/D converter inputs. All of these analog inputs are pin-shared
with I/O pins on Port A. If these pins are to be used as A/D inputs and not as normal I/O pins then the
corresponding bits in the A/D Converter Control Register, ADCR, must be properly set. There are no
configuration options associated with the A/D function. If used as I/O pins, then full pull-high
resistor register remain, however if used as A/D inputs then any pull-high resistor selections
associated with these pins will be automatically disconnected.
I/O Pin Structures
The accompanying diagrams illustrate the internal structures of some I/O pin types. As the exact
logical construction of the I/O pin will differ from these drawings, they are supplied as a guide only to
assist with the functional understanding of the I/O pins. The wide range of pin-shared structures does
not permit all types to be shown.
HT56RB688
TinyPowerTM A/D type Smart Card OTP MCU
with LCD, DAC, ISO 7816 and USB Interfaces
Rev. 1.10
37
April 15, 2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com