Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM78P372KSS20 Datasheet(PDF) 101 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 101 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 97Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 98Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 99Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 100Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 101Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 102Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 103Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 104Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 105Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 118 page
background image
EM78P372K
8-bit Microcontroller
Product Specification (V1.4) 05.11.2016
 93
(This specification is subject to change without prior notice)
9.1 AD Converter Characteristics
Vdd=2.5V to 5.5V, Vss=0V, Ta=-40 to 85°C
Symbol
Parameter
Condition
Min.
Typ.
Max. Unit
VAREF
Analog reference
voltage
VAREF - VASS  2.5V
2.5
Vdd
V
VASS
Vss
Vss
V
VAI
Analog input voltage
VASS
VAREF
V
IAI1
Ivdd
Analog supply current
VDD=VAREF=5.0V,
VASS = 0.0V
(V reference from Vdd)
1400
µA
Ivref
10
µA
IAI2
Ivdd
Analog supply current
VDD=VAREF=5.0V,
VASS = 0.0V (V reference
from VREF)
900
µA
IVref
500
µA
RN1
Resolution
ADREF=0, Internal VDD
VDD=5.0V, VSS = 0.0V
9
10
Bits
RN2
Resolution
ADREF=1, External VREF
VDD=VREF=5.0V,
VSS = 0.0V
11
12
Bits
LN1
Linearity error
VDD = 2.5 to 5.5V Ta=25°C
±4
LSB
DNL
Differential nonlinear
error
VDD = 2.5 to 5.5V Ta=25°C
±1
LSB
FSE1
Full scale error
VDD=VAREF=5.0V,
VASS = 0.0V
±8
LSB
OE
Offset error
VDD=VAREF=5.0V,
VASS = 0.0V
±4
LSB
ZAI
Recommended
impedance of analog
voltage source
10
KΩ
TAD
ADC clock duration
VDD=VAREF=5.0V,
VASS = 0.0V
1
µs
TCN
AD conversion time
VDD=VAREF=5.0V,
VASS = 0.0V
16
TAD
PSR
Power Supply
Rejection
VDD=5.0V±0.5V
2
LSB
V1/4VDD
Accuracy for 1/4 VDD
±3
%
V1/2VDD
Accuracy for 1/2 VDD
±3
%
Note: 1. These parameters are hypothetical (not tested) and provided for design reference use
only.
2. When ADC is off, there is no current consumption other than minor leakage current.
3. AD conversion result will not decrease when an increase of input voltage and no missing
code will result.
4. These parameters are subject to change without further notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com