Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM78P372KSS20 Datasheet(PDF) 103 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 103 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 99Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 100Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 101Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 102Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 103Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 104Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 105Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 106Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 107Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 118 page
background image
EM78P372K
8-bit Microcontroller
Product Specification (V1.4) 05.11.2016
 95
(This specification is subject to change without prior notice)
9.4 Vref 2V/2.5V/3V/4V Characteristics
Vdd = 5.0V, Vss=0V, Ta=-40 to 85°C
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VDD
Power Supply
2.1
5.5
V
IVDD
DC Supply Current
VDD = 5.5V, No
load
200
µA
Vref
Voltage reference
output
2V
3V
4V
±1
%
VrefRT
Switch Vref
response time
VDD = 2.1 - 5.5V,
Cload = 19.2pf,
Rload = 15.36KΩ
5
µs
VrefWT
Enable Vref warm
up time
VDD = VDDmin -
5.5V,
Cload = 19.2pf,
Rload = 15.36KΩ
8
µs
VDDmin
Minimum Power
Supply
Vref +
0.2*
V
*VDDmin : can work at (Vref+0.1V), but has a poor PSRR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com