Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM78P372KSS20 Datasheet(PDF) 102 Page - ELAN Microelectronics Corp

Part # EM78P372KSS20
Description  8-BIT Microcontroller
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P372KSS20 Datasheet(HTML) 102 Page - ELAN Microelectronics Corp

Back Button EM78P372KSS20 Datasheet HTML 98Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 99Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 100Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 101Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 102Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 103Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 104Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 105Page - ELAN Microelectronics Corp EM78P372KSS20 Datasheet HTML 106Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 118 page
background image
EM78P372K
8-bit Microcontroller
94
Product Specification (V1.4) 05.11.2016
(This specification is subject to change without prior notice)
9.2 Comparator Characteristics
Vdd = 5.0V, Vss=0V, Ta=-40 to 85°C
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VOS
Input offset voltage
10
mV
Vcm
Input common-mode
voltage range
GND
VDD
V
ICO
Supply current of
comparator
Co=0V, Ta= -40~85℃
70
µA
TRS
Response time
VREF=1.0V, VRL=5V,
RL=5.1k, CL=15p (Note
1)
1
µs
TLRS
Large signal response
time
VREF=2.5V, VRL = 5V,
RL = 5.1k (Note
2)
250
ns
IOL
Output sink current
Vi(-) = 1V, Vi(+) = 0V,
Vo = GND+0.5V (Note
3)
12
mA
VSAT
Saturation voltage
Vi(-)=1V, Vi(+)=0V,
IOL <= 4mA (Note
3)
0.2
0.4
V
VS
Operating voltage
2.5
-
5.5
V
Note: 1. The response time specified is a 100mV input step with 5mV overdrive.
2. The response time specified is a 0V~VDD input step with 1/2*VDD overdrive.
3. The driving ability is decided by digital output block.
9.3 OP Characteristics
Vdd = 5.0V, Vss=0V, Ta=-40 to 85°C
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VOS
Input offset voltage
, Vin+=0V
10
mV
SR
Slew rate
Ta= -40~85℃
1.5
V/µs
IVR
Input voltage range
0
5
V
OVS
Output voltage swing
Vip=0V,IL=1.0mA
Ta= -40~85℃
123
mV
Vip=5V, IL=1.0mA
Ta= -40~85℃
4.68
V
IOP
Supply current of OP
Ta= -40~85℃
255
µA
PSRR
Power supply rejection ratio Ta= -40~85℃
75
dB
CMRR Common mode reject ratio
0V≦VCM≦VDD
90
dB
GBP
Gain bandwidth product
RL=1Meg, CL=100p
2.6
MHz
VS
Operating Range
2.5
5.5
V
Note: 1. These parameters are hypothetical (not tested) and provided for design
reference use only.
2. These parameters are subject to change without further notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com