Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM6812F2TP24B Datasheet(PDF) 34 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 34 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 31Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 32Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 33Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 34Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 35Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 36Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 38Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
34
www.emmicroelectronic.com
10 Port A
10.1
Basic features
The port A is an 8-bit general-purpose input/output port. The CPU can read the input state in all modes. All selections
concerning the port A are bit-wise executable:
Bit-wise executable on PA[0] to PA[7]:
Input / Output selection
CMOS or NCH Open Drain Outputs
Interrupt with rising or falling edge selection, direct or debounced.
Pull resistor selection. Pull-up or Pull-down. When both are selected, pull-up has the priority.
Special features
Input reset and wakeup capabilities on input pattern or single pin
External system clock input on PA[4] or PA[5]
RC Oscillation Loop on PA[6] , PA[4]
Timer clock and start stop inputs.
Dual Port Ram Control signals on PA[0] to PA[3]
Table 29. Port A External Connectivity
Port A input connectivity
PA output
Always
active
Enable with corresponding Timer
configuration bits
PA input
External
Interrupt
External
system
clock
Oscillati
on
Loop
Dual Port
RAM
Timer1
Timer2
Timer3
Timer4
Output
drive
PA[7]
IRQPA[7]
Start[7]
Start[7]
Start[7]
Start[7]
Clk[1]
Drive 2
PA[6]
IRQPA[6]
RCOut
Start[6]
Start[6]
Start[6]
Clk[1]
Start[6]
Drive 2
PA[5]
IRQPA[5]
ExtClk1
Start[5]
Start[5]
Clk[1]
Start[5]
Start[5]
Drive 1
PA[4]
IRQPA[4]
ExtClk1
RCIn
Start[4]
Clk[1]
Start[4]
Start[4]
Start[4]
Drive 1
PA[3]
IRQPA[3]
ExtAdr[1]
Start[3]
Start[3]
Start[3]
Clk[0]
Drive 1
PA[2]
IRQPA[2]
ExtAdr[0]
Start[2]
Start[2]
Clk[0]
Start[3]
Drive 1
PA[1]
IRQPA[1]
ExtWEn
Start[1]
Clk[0]
Start[2]
Start[2]
Drive 1
PA[0]
IRQPA[0]
ExtCEn
Clk[0]
Start[1]
Start[1]
Start[1]
Drive 1
These input connections remain active also if the corresponding terminal is configured as output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com