Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM6812F2TP24B Datasheet(PDF) 59 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 59 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 58Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 59Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 60Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 61Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 62Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 63Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
59
www.emmicroelectronic.com
13.2.8 Interrupts
Each timer has 2 selectable interrupt sources:
IrqTimer1 (zero detect or compare match)
IrqTimer2 (zero detect or compare match)
IrqTimer3 (zero detect or compare match)
IrqTimer4 (zero detect or compare match)
Table 50. Timer interrupts selection
EnPWM
X
TimEq
X
Interrupt
0
0
Irq timer on ‘Zero detect’
0
1
No timer Irq generated
1
0
Irq timer on ‘Zero detect’
1
1
Irq timer on ‘Compare match’
All these interrupt are in priority level 2 mapped in register RegInt20[3:0]. The source is individually selectable and each
interrupt may be masked in register RegMsk20[3:0]. The TimEq selection is only valid when the corresponding EnPWMX
bit is set.
In PWM mode the interruption can be generated when the timer reaches the value 0 or when it reaches the comparison
value with TimEqX in RegTimXCfg. If needing both interrupts, the user may change the IRQ source after each event.
Another solution consists of routing a PWM from port B output onto a port A input and configure this input as IRQ input
(slave timer interrupt).
If configured as 16-bit timer, only the master timer (1 or 3) will generate interrupts.
Figure 36. Interrupts generation in PWM mode.
Table 51. Timer interrupts mapping
Interrupt source
Priority
IntCtrl connection
IrqTimer1
2
Int2[0]
IrqTimer2
2
Int2[1]
IrqTimer3
2
Int2[2]
IrqTimer4
2
Int2[3]
ClkIn
SwStart
TimXLoad
TimXComp
XX
XX
03
02
PWM
TimXStatus
XX
03
02
01
00
03
02
01
00
X
03
02
01
00
03
02
01
TimEq
IrqTim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com