Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM6812F2TP24B Datasheet(PDF) 27 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 27 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 23Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 24Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 25Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 26Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 27Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 28Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 29Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 30Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 31Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
27
www.emmicroelectronic.com
8.3.2
Low frequency external clock
The low frequency external clock coming from OscOut terminal is used to replace the Xtal oscillator. SelExtLFck in
RegSys2 controls the selection between Xtal and LF external clock. The same glitch-free clock switching scheme as shown
in Figure 17. Synchronous Clock switching is implemented. While running on external low frequency clock, the cold start
delay does not apply and the FlagXtal is forced ‘1’. Also the OscOut input must always be driven.
Low frequency external clock selection:
SelExtLFck
= ‘0’ and EnXtal = ’1’.
The Xtal oscillator is selected.
SelExtLFck
= ’1’ and EnXtal = ’0’.
The LF external clock is selected.
SelExtLFck
= ’0’ and EnXtal = ’0’.
No active low frequency clock input (default state at startup)
It is not possible to have Xtal and low frequency clock active at the same time since both share the same circuit terminal
OscOut. The crystal oscillator must be disabled EnXtal=’0’ to allow for external low frequency clock input. With EnXtal=’1’
the external clock input is blocked.
The low frequency external clock on OscOut terminal may only be selected if the crystal oscillator is not active. Therfore
EnXtal
must be ‘0’, Sel32k = ‘0’, Pr1CkSel[2:0] not equal to ‘000’ , Pr2CkSel=’1’ prior to setting SelExtLFCk = ‘1’.
8.3.3
Data input on OscOut
The OscOut terminal status can be read when the Crystal Oscillator is not used (EnXtal=’0’). The reading is performed with
a read access to bit DatOscOut in register RegResStat. The OscOut input has no internal pull resistor. It may be left
floating while not used.
8.4
Clock synchronization
Besides the already described clock synchronization schemes between internal and external clocks in their respective
frequency domain, the EM6812 re-synchronizes internally the asynchronous F1 and F2 clocks (see ‘Figure 15. Clock
management block diagram’) so the CPU and the periphery always get stable clock edge conditions. The implementation is
done by synchronization of the low frequency clock (F1) with the higher speed clock (F2). For proper operation the rule F2 >
8* F1 applies.
An active peripheral clock edge issued from F1 or F2 will never occur during a CPU read or write cycle and thus allows the
CPU to manage its peripherals while they are in a quiet state. Note that this does not apply for peripherals, which run on an
asynchronous clock that has not been re-synchronized (i.e. undebounced timer clock sources). Maximum peripheral clock
selection is half the high frequency pre-divided clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com