Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM6812F2TP24B Datasheet(PDF) 54 Page - EM Microelectronic - MARIN SA

Part # EM6812F2TP24B
Description  Ultra Low Power 8-bit FLASH Microcontroller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6812F2TP24B Datasheet(HTML) 54 Page - EM Microelectronic - MARIN SA

Back Button EM6812F2TP24B Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 54Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6812F2TP24B Datasheet HTML 58Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 81 page
background image
R
EM6812
Copyright
© 2005, EM Microelectronic-Marin SA
54
www.emmicroelectronic.com
13.2.3 Start control system
There are two principal ways to start the counter:
Internal start:
Software writing the SWStart bit.
External signals on port A input:
State condition: External start on input state (down-counting while condition true)
Pulse condition: External start on input pulse, stop on next pulse.
The selection of the start source and the corresponding port A input is done in register RegTimXCfg bits StartXSel[2:0].
CPU controlled software Start or State / Pulse Start condition in case of external start is defined in registers
RegTimersStart.
The SwStartX bits can be used as busy flags in case of software start. If the timer is started by port A input conditions,
the SwStartX bits will remain ‘0’, busy information can be derived from reading the timers status value or by detecting
the start / stop conditions.
Each timer has 8 different start sources. Software start is selected by default, activated by writing bit SWStartX in register
RegTimersStart. The selection of other start sources is done with StartXSel[2:0] in RegTimXCfg.
Table 48. Start selection
Timer1
Timer2
Timer3
Timer4
StartXSel[2:0]
Selection with
Start1Sel[2:0]
Selection
with
Start2Sel[2:0]
Selection
with
Start3Sel[2:0]
Selection
with
Start4Sel[2:0]
000
Soft
start
SwStart1
Software
with
SwStart2
Software
with
SwStart3
Software
with
SwStart4
001
Ext. start PA1
Ext. start PA0
Ext. start PA0
Ext. start PA0
010
Ext. start PA2
Ext. start PA2
Ext. start PA1
Ext. start PA1
011
Ext. start PA3
Ext. start PA3
Ext. start PA3
Ext. start PA2
100
Ext. start PA4
Ext. start PA4
Ext. start PA4
Ext. start PA4
101
Ext. start PA5
Ext. start PA5
Ext. start PA5
Ext. start PA5
110
Ext. start PA6
Ext. start PA6
Ext. start PA6
Ext. start PA6
111
Ext. start PA7
Ext. start PA7
Ext. start PA7
Ext. start PA7
Start selection must not be changed while the timer is running.
13.2.3.1 Software Start Condition
In Software start, the CPU writes the start condition SWStartX=’1’. The software start gets synchronized on the next falling
edge of the selected counter clock. The positive edge synchronization signal then enables the counter function.
The counter is stopped by either writing the SWStartX=’0’ or on Zero-Stop mode when the counter value reaches 0. Please
refer to Figure 28. Timing diagram in Auto-Reload mode (SWStart) and Figure 29. Timing diagram in Zero-Stop mode
(SWStart) for more details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com