Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6545HT-IGT/F Datasheet(PDF) 52 Page - Maxim Integrated Products

Part # 71M6545HT-IGT/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGT/F Datasheet(HTML) 52 Page - Maxim Integrated Products

Back Button 71M6545HT-IGT/F Datasheet HTML 48Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 49Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 50Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 51Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 52Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 53Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 54Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 55Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 56Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
Maxim Integrated │ 52
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Table 13. I/O RAM Locations in Alphabetical Order (continued)
NAME
LOCATION RST WK DIR
DESCRIPTION
PQMASK
2511[2:0]
0
0 R/W
Sets the length of the PQ mask. The mask is ANDed with the last four bits of PQ according to the table below.
PQMASK also determines the length of PULSE_AUTO in TMUX.
PQMASK
MASK
PULSE_AUTO WIDTH
000
0000
1s
001
1000
2s
010
1100
4s
011
1110
8s
100
1111
16s
PRE_E
2704[5]
0
0 R/W Enablesthe8xpreamplifier.
PREBOOT
SFRB2[7]
–
–
R Indicates that preboot sequence is active.
RCMD[4:0]
SFR FC[4:0] 0
0 R/W When the MPU writes a non-zero value to RCMD[4:0], the IC issues a command to the appropriate remote sensor.
When the command is complete, the IC clears RCMD[4:0].
RESET
2200[3]
0
0
W When set, writes a one to WF_RSTBIT and then causes a reset.
RFLY_DIS
210C[3]
0
0 R/W Controls how the IC drives the power pulse for the 71M6x03. When set, the power pulse is driven high and low.
Whencleared,itisdrivenhighfollowedbyanopencircuitfly-backinterval.
RMT2_E
2709[3]
0
0 R/W Enables the remote interface.
RMT4_E
2709[4]
0
0 R/W Enables the remote interface.
RMT6_E
2709[5]
0
0 R/W Enables the remote interface.
RMT_RD[15:8]
RMT_RD[7:0]
2602[7:0]
2603[7:0]
0
0
R Response from remote read request.
RTC_FAIL
2890[4]
0
0 R/W Indicates that a count error has occurred in the RTC and that the time is not trustworthy. This bit can be cleared by
writing a 0.
RTC_RD
2890[6]
0
0 R/W Freezes the RTC shadow register so it is suitable for MPU reads. When RTC_RD is read, it returns the status of the
shadow register: 0 = up to date, 1 = frozen.
RTC_SBSC[7:0]
2892[7:0]
–
–
R Time remaining until the next 1 second boundary. LSB = 1/256 second.
RTC_TMIN[5:0]
289E[5:0]
0
– R/W The target minutes register. See RTC_THR below.
RTC_THR[4:0]
289F[4:0]
0
– R/W The target hours register. The RTC_T interrupt occurs when RTC_MIN becomes equal to RTC_TMIN and RTC_HR
becomes equal to RTC_THR.
RTC_WR
2890[7]
0
0 R/W
Freezes the RTC shadow register so it is suitable for MPU writes. When RTC_WR is cleared, the contents of the
shadow register are written to the RTC counter on the next RTC clock (~500 Hz). When RTC_WR is read, it returns
1 as long as RTC_WR is set. It continues to return one until the RTC counter actually updates.
RTC_SEC[5:0]
RTC_MIN[5:0]
RTC_HR[4:0]
RTC_DAY[2:0]
RTC_DATE[4:0]
RTC_MO[3:0]
RTC_YR[7:0]
2893[5:0]
2894[5:0]
2895[4:0]
2896[2:0]
2897[4:0]
2898[3:0]
2899[7:0]
–
–
–
–
–
–
–
–
–
–
–
–
–
–
R/W
The RTC interface registers. These are the year, month, day, hour, minute and second parameters for the RTC. The
RTCissetbywritingtotheseregisters.Year00andallothersdivisibleby4aredefinedasaleapyear.
SEC
00 to 59
MIN
00 to 59
HR
00 to 23
(00 = Midnight)
DAY
01 to 07
(01 = Sunday)
DATE
01 to 31
MO
01 to 12
YR
00 to 99
Each write operation to one of these registers must be preceded by a write to 0x20A0.
RTM_E
2106[1]
0
0 R/W Real Time Monitor enable. When 0, the RTM output is low.
RTM0[9:8]
RTM0[7:0]
RTM1[7:0]
RTM2[7:0]
RTM3[7:0]
210D[1:0]
210E[7:0]
210F[7:0]
2110[7:0]
2111[7:0]
0
0
0
0
0
0
0
0
0
0
R/W
Four RTM probes. Before each CE code pass, the values of these registers are serially output on the RTM pin. The
RTM registers are ignored when RTM_E = 0. Note that RTM0 is 10 bits wide. The others assume the upper two bits
are 00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com