Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6545HT-IGT/F Datasheet(PDF) 37 Page - Maxim Integrated Products

Part # 71M6545HT-IGT/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGT/F Datasheet(HTML) 37 Page - Maxim Integrated Products

Back Button 71M6545HT-IGT/F Datasheet HTML 33Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 34Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 35Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 36Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 37Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 38Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 39Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 40Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 41Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
Maxim Integrated │ 37
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
measurement with tamper-detection using one current
sensor to measure the neutral current. For best perfor-
mance, all current sensor inputs are configured for dif-
ferential mode.
Using the 71M6545T/HT with Remote Sensors
The 71M6545T/HT can be configured to operate with
71M6x03 remote sensor interfaces and current shunts.
This configuration implements a polyphase measure-
ment with tamper-detection. For best performance, the
IADC0-IADC1 current sensor input is configured for differ-
ential mode (DIFFA_E = 1). The outputs of the 71M6x03
isolated sensor interface are routed through a pulse
transformer, which is connected to the current input pins
(IADC2-IADC7). The current input pins (IADC2-IADC7)
must be configured for remote sensor communication
(i.e., RMT_E =1).
Metrology Temperature Compensation
Since the VREF bandgap amplifier is chopper-stabilized
the DC offset voltage (the most significant long-term
drift mechanism in bandgap voltage references) is
automatically removed by the chopper circuit. Both the
71M654xT and the 71M6x03 feature chopper circuits
for their respective VREF voltage reference. VREF is
trimmed to a target value of 1.195V during the device
manufacturing process and the result of the trim stored in
nonvolatile fuses.
For the 71M654xT device (Q0.5% energy accuracy),
the TRIMT[7:0] value can be read by the MPU during
initialization in order to calculate parabolic temperature
compensation coefficients suitable for each individual
71M654xT device. The resulting temperature coefficient
for VREF in the 71M654xT is ±40 ppm/°C.
By using the trim information in the TRIMT register and
the sensed temperature, a gain adjustment for the sensor
can be computed. See the 71M6545T/HT User’s Guide
for more information about compensating sensors for
temperature variations.
Connecting I2C EEPROMs
I2C EEPROMs or other I2C compatible devices should be
connected to the DIO pins DIO2 and DIO3.
Pullup resistors of roughly 10kΩ to VV3P3D (to ensure
operation in BRN mode) should be used for both SDCK
and SDATA signals. The DIO_EEX[1:0] field in I/O RAM
must be set to 01 in order to convert the DIO pins DIO2
and DIO3 to I2C pins SDCK and SDATA.
Connecting Three-Wire EEPROMs
MICROWIRE EEPROMs and other compatible devices
should be connected to the DIO pins DIO2/SDCK and
DIO3/SDATA.
UART
The UART0 RX pin should be pulled down by a 10kΩ
resistor and additionally protected by a 100pF ceramic
capacitor.
With modulation, an optical emitter can be operated at
higher current than nominal, enabling it to increase the
distance along the optical path.
If operation in BRN mode is desired, the external
components should be connected to VV3P3D. However, it
is recommended to limit the current to a few mA.
Reset
Even though a functional meter does not necessarily
need a reset switch, it is useful to have a reset push-
button for prototyping. The RESET signal may be sourced
from VV3P3SYS (functional in MSN mode only), VV3P3D
(MSN and BRN modes), or VBAT (all modes, if a battery
is present), or from a combination of these sources,
depending on the application. RESET causes the CPU to
restart and returns all IO RAM values to their default values.
For a production meter, the RESET pin should be protect-
ed by the external components. R1 should be in the range
of100ΩandmountedascloselyaspossibletotheIC.
Emulator Port Pins
Even when the emulator is not used, small shunt capaci-
tors to ground (22pF) should be used for protection from
EMI. Production boards should have the ICE_E pin con-
nected to ground.
MPU Firmware Library
All application-specific MPU functions are featured in the
demonstration C source code supplied by Maxim Integrated.
The code is available as part of the Demonstration Kit for
the 71M6545T/HT. The Demonstration Kits come with pre-
programmed with demo firmware and mounted on a func-
tional sample meter Demo Board. The Demo Boards allow
for quick and efficient evaluation of the IC without having
to write firmware or having to supply an in-circuit emulator
(ICE). Contact Maxim Integrated for information on price and
availability of demonstration boards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com