Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6545HT-IGT/F Datasheet(PDF) 44 Page - Maxim Integrated Products

Part # 71M6545HT-IGT/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGT/F Datasheet(HTML) 44 Page - Maxim Integrated Products

Back Button 71M6545HT-IGT/F Datasheet HTML 40Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 41Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 42Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 43Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 44Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 45Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 46Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 47Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 48Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
Maxim Integrated │ 44
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Table 12. I/O RAM Locations in Numerical Order
NAME
ADDR
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
CE6
2000
EQU[2:0]
U
CHOP_E[1:0]
RTM_E
CE_E
CE5
2001
U
U
U
SUM_SAMPS[12:8]
CE4
2002
SUM_SAMPS[7:0]
CE3
2003
U
U
CE_LCTN[5:0]
CE2
2004
PLS_MAXWIDTH[7:0]
CE1
2005
PLS_INTERVAL[7:0]
CE0
2006
DIFF6_E
DIFF4_E
DIFF2_E
DIFF0_E
RFLY_DIS
FIR_LEN[1:0]
PLS_INV
RCE0
2007
CHOPR[1:0]
RMT6_E
RMT4_E
RMT2_E
R
R
R
RTMUX
2008
U
TMUXRB[2:0]
U
TMUXRA[2:0]
Reserved
2009
U
U
R
U
U
U
U
U
MUX5
200A
MUX_DIV[3:0]
MUX10_SEL
MUX4
200B
MUX9_SEL
MUX8_SEL
MUX3
200C
MUX7_SEL
MUX6_SEL
MUX2
200D
MUX5_SEL
MUX4_SEL
MUX1
200E
MUX3_SEL
MUX2_SEL
MUX0
200F
MUX1_SEL
MUX0_SEL
TEMP
2010
TEMP_BSEL
TEMP_PWR
OSC_COMP
TEMP_BAT
U
TEMP_PER[2:0]
DIO_R5
201B
U
U
U
U
U
DIO_RPB[2:0]
DIO_R4
201C
U
DIO_R11[2:0]
U
DIO_R10[2:0]
DIO_R3
201D
U
DIO_R9[2:0]
U
DIO_R8[2:0]
DIO_R2
201E
U
DIO_R7[2:0]
U
DIO_R6[2:0]
DIO_R1
201F
U
DIO_R5[2:0]
U
DIO_R4[2:0]
DIO_R0
2020
U
DIO_R3[2:0]
U
DIO_R2[2:0]
DIO0
2021
DIO_EEX[1:0]
U
U
OPT_TXE[1:0]
OPT_TXMOD
OPT_TXINV
DIO1
2022
DIO_PW
DIO_PV
OPT_FDC[1:0]
U
OPT_RXDIS
OPT_RXINV
OPT_BB
DIO2
2023
DIO_PX
DIO_PY
U
U
U
U
U
U
INT1_E
2024
EX_EEX
EX_XPULSE
EX_YPULSE
EX_RTCT
EX_TCTEMP
EX_RTC1M
EX_RTC1S
EX_XFER
INT2_E
2025
EX_SPI
EX_WPULSE
EX_VPULSE
WAKE_E
2026
U
EW_TEMP
U
EW_RX
EW_PB
EW_DIO4
U
EW_DIO55
SFMM
2080
SFMM[7:0] (via SPI slave port only)
SFMS
2081
SFMS[7:0] (via SPI slave port only)
CE AND ADC
MUX5
2100
MUX_DIV[3:0]
MUX10_SEL[3:0]
MUX4
2101
MUX9_SEL[3:0]
MUX8_SEL[3:0]
MUX3
2102
MUX7_SEL[3:0]
MUX6_SEL[3:0]
MUX2
2103
MUX5_SEL[3:0]
MUX4_SEL[3:0]
MUX1
2104
MUX3_SEL[3:0]
MUX2_SEL[3:0]
MUX0
2105
MUX1_SEL[3:0]
MUX0_SEL[3:0]
CE6
2106
EQU[2:0]
U
CHOP_E[1:0]
RTM_E
CE_E
CE5
2107
U
U
U
SUM_SAMPS[12:8]
CE4
2108
SUM_SAMPS[7:0]
CE3
2109
U
U
CE_LCTN[5:0]
CE2
210A
PLS_MAXWIDTH[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com