Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6545HT-IGT/F Datasheet(PDF) 46 Page - Maxim Integrated Products

Part # 71M6545HT-IGT/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGT/F Datasheet(HTML) 46 Page - Maxim Integrated Products

Back Button 71M6545HT-IGT/F Datasheet HTML 42Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 43Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 44Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 45Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 46Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 47Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 48Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 49Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 50Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
Maxim Integrated │ 46
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Table 12. I/O RAM Locations in Numerical Order (continued)
NAME
ADDR
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
RBITS
INT1_E
2700
EX_EEX
EX_XPULSE
EX_YPULSE
EX_RTCT
EX_TCTEMP
EX_RTC1M
EX_RTC1S
EX_XFER
INT2_E
2701
EX_SPI
EX_WPULSE
EX_VPULSE
U
U
U
U
U
SECURE
2702
FLSH_UNLOCK[3:0]
R
FLSH_RDE
FLSH_WRE
R
Analog0
2704
VREF_CAL
VREF_DIS
PRE_E
ADC_E
BCURR
SPARE[2:0]
INTBITS
2707
U
INT6
INT5
INT4
INT3
INT2
INT1
INT0
FLAG0
SFR E8
IE_EEX
IE_XPULSE
IE_YPULSE
IE_RTCT
IE_TCTEMP
IE_RTC1M
IE_RTC1S
IE_XFER
FLAG1
SFR F8
IE_SPI
IE_WPULSE
IE_VPULSE
U
U
U
U
PB_STATE
STAT
SFR F9
U
U
U
PLL_OK
U
VSTAT[2:0]
REMOTE0 SFR FC
U
PERR_RD
PERR_WR
RCMD[4:0]
SPI1
SFR FD
SPI_CMD[7:0]
SPI0
2708
SPI_STAT[7:0]
RCE0
2709
CHOPR[1:0]
R
R
RMT_E
R
R
R
RTMUX
270A
U
R
R
R
U
TMUXRA[2:0]
INFO_PG
270B
U
U
U
U
U
U
U
INFO_PG
DIO3
270C
U
U
PORT_E
SPI_E
SPI_SAFE
U
U
U
TNM1
2710
U
TEMP_NMAX[14:8]
TNM2
2711
TEMP_NMAX[7:0]
TM1
2712
U
U
U
U
TEMP_M[11:8]
TM2
2713
TEMP_M[7:0]
TNB1
2714
TEMP_NBAT[15:8]
TNB2
2715
TEMP_NBAT[7:0]
NV RAM AND RTC
NVRAMxx
2800
NVRAM[0] to NVRAM[7F] - 128 bytes, direct access, 0x2800 to 0x287F
WAKE
2880
WAKE_TMR[7:0]
STEMP1
2881
STEMP[15:8]
STEMP0
2882
STEMP[7:0]
BSENSE
2885
BSENSE[7:0]
PQ2
2886
U
U
U
PQ[20:16]
PQ1
2887
PQ[15:8]
PQ0
2888
PQ[7:0]
RTC0
2890
RTC_WR
RTC_RD
U
RTC_FAIL
U
U
U
U
RTC2
2892
RTC_SBSC[7:0]
RTC3
2893
U
U
RTC_SEC[5:0]
RTC4
2894
U
U
RTC_MIN[5:0]
RTC5
2895
U
U
U
RTC_HR[4:0]
RTC6
2896
U
U
U
U
U
RTC_DAY[2:0]
RTC7
2897
U
U
U
RTC_DATE[4:0]
RTC8
2898
U
U
U
U
RTC_MO[3:0]
RTC9
2899
RTC_YR[7:0]
RTC11
289C
U
U
U
U
TC_C[11:8]
RTC12
289D
TC_C[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com