Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6545HT-IGT/F Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # 71M6545HT-IGT/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGT/F Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button 71M6545HT-IGT/F Datasheet HTML 19Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 20Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 21Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 22Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 23Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 24Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 25Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 26Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
Maxim Integrated │ 23
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
The recommended ADC multiplexer sequence samples
the current first, immediately followed by sampling of the
corresponding phase voltage, thus the voltage is delayed
by a phase angle Ф relative to the current. The delay
compensation implemented in the CE aligns the voltage
samples with their corresponding current samples by first
delaying the current samples by one full sample interval
(i.e., 360°), then routing the voltage samples through
the allpass filter, thus delaying the voltage samples by
360o - θ, resulting in the residual phase error between
thecurrentanditscorrespondingvoltageofB–Ф.The
residual phase error is negligible, and is typically less than
±1.5 milli-degrees at 100Hz, thus it does not contribute to
errors in the energy measurements.
When using remote sensors, the CE performs the same
delay compensation described above to align each volt-
age sample with its corresponding current sample. Even
though the remote current samples do not pass through
the 71M654xT multiplexer, their timing relationship to their
corresponding voltages is fixed and precisely known.
ADC Preamplifier
The ADC preamplifier is a low-noise differential ampli-
fier with a fixed gain of 8 available only on the IADC0-
IADC1 sensor input pins. A gain of 8 is enabled by setting
PRE_E = 1. When disabled, the supply current of the
preamplifier is < 10 nA and the gain is unity. With proper
settings of the PRE_E and DIFFA_E (I/O RAM 0x210C[4])
bits, the preamplifier can be used whether or not differen-
tial mode is selected. For best performance, the differential
mode is recommended. In order to save power, the bias
current of the preamplifier and ADC is adjusted according
to the ADC_DIV control bit (I/O RAM 0x2200[5]).
Analog-to-Digital Converter (ADC)
A single 2nd-order delta-sigma ADC digitizes the voltage
and current inputs to the device. The resolution of the
ADC, including the sign bit, is 21 bits (FIR_LEN[1:0] = 1),
or 22 bits (FIR_LEN[1:0] = 2).
Initiation of each ADC conversion is controlled by MUX_
CTRL internal circuit. At the end of each ADC conversion,
the FIR filter output data is stored into the CE RAM loca-
tion determined by the multiplexer selection. FIR data is
stored LSB justified, but shifted left 9 bits.
FIR Filter
The finite impulse response filter is an integral part of the
ADC and it is optimized for use with the multiplexer. The
purpose of the FIR filter is to decimate the ADC output to
the desired resolution. At the end of each ADC conver-
sion, the output data is stored into the fixed CE RAM
location determined by the multiplexer selection.
Voltage References
A bandgap circuit provides the reference voltage to the
ADC. The VREF band-gap amplifier is chopper-stabilized
to remove the dc offset voltage. This offset voltage is the
most significant long-term drift mechanism in voltage ref-
erence circuits.
Table 1. ADC Input Configuration
PIN
REQUIRED
SETTING
COMMENT
IADC0
DIFFx_E = 1
Differential mode must be selected with DIFFx_E = 1. The ADC results are stored in ADC0 and ADC1 is
not disturbed.
IADC1
IADC2
DIFFx_E = 1 or
RMT_E = 1
For locally connected sensors the differential input must be enabled.
For the remote sensor RMT_E must be set. ADC results are stored in ADC2 and ADC3 is not disturbed.
IADC3
IADC4
DIFFx_E = 1 or
RMT_E = 1
For locally connected sensors the differential input must be enabled.
For the remote sensor RMT_E must be set. ADC results are stored in ADC4 and ADC5 is not disturbed.
IADC5
IADC6
DIFFx_E = 1 or
RMT_E = 1
For locally connected sensors the differential input must be enabled.
For the remote sensor RMT_E must be set. ADC results are stored in ADC6 and ADC7 is not disturbed.
IADC7
VADC8
—
Phase A voltage. Single ended mode only. ADC result stored in ADC8.
VADC9
—
Phase B voltage. Single ended mode only. ADC result stored in ADC9.
VADC10
—
Phase A voltage. Single ended mode only. ADC result stored in ADC10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com