Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6545HT-IGT/F Datasheet(PDF) 31 Page - Maxim Integrated Products

Part # 71M6545HT-IGT/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGT/F Datasheet(HTML) 31 Page - Maxim Integrated Products

Back Button 71M6545HT-IGT/F Datasheet HTML 27Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 28Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 29Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 30Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 31Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 32Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 33Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 34Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 35Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
Maxim Integrated │ 31
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Crystal Oscillator
The oscillator drives a standard 32.768kHz tuning-fork
crystal. This type of crystal is accurate and does not
require a high-current oscillator circuit. The oscillator
power dissipation is very low to maximize the lifetime of
the VBAT_RTC battery.
Oscillator calibration can improve the accuracy of both the
RTC and metering.
PLL
Timing for the device is derived from the 32,768Hz
crystal oscillator. The oscillator output is routed to a
phase-locked loop (PLL). The PLL multiplies the crystal
frequency by 600 to produce a stable 19.6608MHz clock
frequency. This is the master clock (MCK), and all on-
chip timing, except for the RTC clock, is derived from
MCK.
The master clock can operate at either 19.66MHz or
6.29MHz depending on the PLL_FAST bit. The MPU
clock frequency CKMPU is determined by another divider
controlled by the I/O RAM control field MPU_DIV[2:0] and
can be set to MCK x 2-(MPU_DIV+2) , where MPU_DIV[2:0]
may vary from 0 to 4. The 71M654xT VV3P3SYS supply
current is reduced by reducing the MPU clock frequency.
When the ICE_E pin is high, the circuit also generates the
9.83MHz clock for use by the emulator.
The two general-purpose counter/timers contained in the
MPU are clocked by CKMPU.
The PLL is only turned off in SLP mode.
When the part is waking up from SLP mode, the PLL is
turned on in 6.29MHz mode, and the PLL frequency is not
be accurate until the PLL_OK flag becomes active. Due to
potential overshoot, the MPU should not change the value
of PLL_FAST until PLL_OK is true.
Real-Time Clock (RTC)
The real-time clock is driven directly by the crystal
oscillator and is powered by either the VV3P3SYS pin
or the VBAT_RTC pin, depending on the V3OK internal
bit. The RTC consists of a counter chain and a set of
output registers. The counter chain consists of registers
for seconds, minutes, hours, day of week, day of month,
month, and year. The chain registers are supported by a
shadow register that facilitates read and write operations.
RTC Trimming
The RTC accuracy can be trimmed by means of a digital
trimming mechanism that affects only the RTC. Either or
both of these adjustment mechanisms can be used to trim
the RTC.
The 71M6545T/HT can also be configured to regularly
measure die temperature, including in SLP mode and
while the MPU is halted. If enabled, the temperature infor-
mation is automatically used to correct for the tempera-
ture variation of the crystal. A quadratic equation is used
to compute the temperature correction factors.
The temperature is passed both to the quadratic calcula-
tion block and to a range check block. If the temperature
exceeds the limits established in the SMIN, SMAX and
SFILT registers when a range checking is enabled, a
WAKE or an INTERRUPT event is posted.
The quadratic calculation block computes the position on
the inverse parabolic curve that is characteristic for tuning
forkcrystalsbasedontheknownαandT0 values for the
crystal (these are published by the crystal manufacturer
and are relatively consistent for a particular crystal type).
Finally, the absolute frequency error is added or subtract-
ed from the computed value, and the final result is used
to compensate the frequency of the crystal.
RTC Interrupts
The RTC generates interrupts each second and each
minute. These interrupts are called RTC_1SEC and
RTC_1MIN. In addition, the RTC functions as an alarm
clock by generating an interrupt when the minutes and
hours registers both equal their respective target counts
as defined in the alarm registers. The alarm clock inter-
rupt is called RTC_T. All three interrupts appear in the
MPU’s external interrupt 6.
Temperature Sensor
The 71M654xT includes an on-chip temperature sensor
for determining the temperature of its bandgap reference.
The primary use of the temperature data is to determine
the magnitude of compensation required to offset the ther-
mal drift in the system for the compensation of current,
voltage and energy measurement and the RTC. See the
Metrology Temperature Compensation.
The 71M654xT uses a dual-slope temperature measure-
ment technique that is operational in SLP mode, as well
as BRN and MSN modes. This means that the tempera-
ture sensor can be used to compensate for the frequency
variation of the crystal, even in SLP mode while the MPU
is halted.
In MSN and BRN modes, the temperature sensor is
awakened on command from the MPU by setting the
TEMP_START control bit. The MPU must wait for the
TEMP_START bit to clear before reading STEMP[15:0]
and before setting the TEMP_START bit once again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com