Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6545HT-IGT/F Datasheet(PDF) 36 Page - Maxim Integrated Products

Part # 71M6545HT-IGT/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGT/F Datasheet(HTML) 36 Page - Maxim Integrated Products

Back Button 71M6545HT-IGT/F Datasheet HTML 32Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 33Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 34Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 35Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 36Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 37Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 38Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 39Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 40Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
Maxim Integrated │ 36
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Figure 6. Waveforms Comparing Voltage, Current, Energy per Interval, and Accumulated Energy
Transitions from SLP mode to BRN mode can be initiated
by the following events:
1) Wake-up timer timeout.
2) Pushbutton (PB) is activated.
3) A rising edge on DIO4 or DIO55.
4) Activity on the RX or OPT_RX pins.
Brownout Mode
In BRN mode, most nonmetering digital functions are
active including ICE, UART, EEPROM, and RTC. In BRN
mode, the PLL continues to function at the same fre-
quency as MSN mode. It is up to the MPU to reduce the
PLL frequency or the MPU frequency in order to minimize
power consumption.
From BRN mode, the MPU can choose to enter SLP mode.
When system power is restored while the 71M654xT is in
BRN mode, the part automatically transitions to MSN
mode.
Sleep Mode
When the VV3P3SYS pin voltage drops below 2.8 VDC,
the 71M654xT enters BRN mode and the VV3P3D pin
obtains power from the VBAT pin instead of the VV3P3SYS
pin. Once in BRN mode, the MPU may invoke SLP mode
by setting the SLEEP bit. The purpose of SLP mode is to
consume the least amount power while still maintaining
the real time clock, temperature compensation of the
RTC, and the nonvolatile portions of the I/O RAM.
In SLP mode, the VV3P3D pin is disconnected, removing
all sources of current leakage from the VBAT pin. The
nonvolatile I/O RAM locations and the SLP mode functions,
such as the temperature sensor, oscillator, RTC, and the
RTC temperature compensation are powered by the
VBAT_RTC pin. SLP mode can be exited only by a system
power-up event or one of the wake methods.
If the SLEEP bit is asserted when VV3P3SYS pin power is
present (i.e., while in MSN mode), the 71M654xT enters
SLP mode, resetting the internal WAKE signal, at which
point the 71M654xT begins the standard wake from sleep
procedures.
When power is restored to the VV3P3SYS pin, the
71M654xT transitions from SLP mode to MSN mode and
the MPU PC (Program Counter) is initialized to 0x0000.
At this point, the XRAM is in an undefined state, but
nonvolatile I/O RAM locations are preserved.
Applications Information
Connecting 5V Devices
All digital input pins of the 71M654xT are compatible with
external 5V devices. I/O pins configured as inputs do not
require current-limiting resistors when they are connected
to external 5V devices.
Direct Connection of Sensors
The 71M654xT supports direct connection of current
transformer and shunt-fed sensors.
Using the 71M6545T/HT with Local Sensors
The 71M6545T/HT can be configured to operate with
locally connected current sensors. All current inputs are
connected to a current transformer (CT) and are there-
fore isolated. This configuration implements a polyphase
-500
-400
-300
-200
-100
0
100
200
300
400
500
05
10
15
20
TIME (ms)
VOLTAGE (V)
CURRENT (A)
ENERGY PER INTERVAL (Ws)
ACCUMULATED ENERGY (Ws)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com