Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

71M6545HT-IGT/F Datasheet(PDF) 63 Page - Maxim Integrated Products

Part # 71M6545HT-IGT/F
Description  Energy Meter ICs
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6545HT-IGT/F Datasheet(HTML) 63 Page - Maxim Integrated Products

Back Button 71M6545HT-IGT/F Datasheet HTML 58Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 59Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 60Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 61Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 62Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 63Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 64Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 65Page - Maxim Integrated Products 71M6545HT-IGT/F Datasheet HTML 66Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
Maxim Integrated │ 63
71M6545T/71M6545HT
Energy Meter ICs
www.maximintegrated.com
Figure 17. CE Data Flow—Multiplexer and ADC
Figure 18. CE Data Flow—Offset, Gain, and Phase Compensation
OFFSET
NULL
CAL_IA
PHASE
COMP
LPF
W0
LPF
VAR0
90°
I0
PHADJ_0
F0
IA_RAW
OFFSET
NULL
CAL_VA
V0
GAIN_ADJ
F0
VA_RAW
F0
F0
GENERATOR
...OTHER PHASES
DECIMATOR
DE-MULTIPLEXER
∑
MOD
VREF
FS = 2184HzFS = 2184Hz
IB
MULTIPLEXER
VB
IC
VC
ID
IA
VA
IB_RAW
VB_RAW
IC_RAW
VC_RAW
ID_RAW
IA_RAW
VA_RAW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com